Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA224P25 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISLA224P25
Description  Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224P25 Datasheet(HTML) 3 Page - Intersil Corporation

  ISLA224P25 Datasheet HTML 1Page - Intersil Corporation ISLA224P25 Datasheet HTML 2Page - Intersil Corporation ISLA224P25 Datasheet HTML 3Page - Intersil Corporation ISLA224P25 Datasheet HTML 4Page - Intersil Corporation ISLA224P25 Datasheet HTML 5Page - Intersil Corporation ISLA224P25 Datasheet HTML 6Page - Intersil Corporation ISLA224P25 Datasheet HTML 7Page - Intersil Corporation ISLA224P25 Datasheet HTML 8Page - Intersil Corporation ISLA224P25 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ISLA224P
3
FN7570.0
May 19, 2011
12, 13
VINAN, VINAP
Channel A Analog Input Negative, Positive
15
CLKDIV
Tri-Level Clock Divider Control
16
IPTAT
Temperature Monitor (Output current proportional to absolute temperature)
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN
Synchronous Clock Divider Reset True, Complement
28, 29
D13N, D13P
LVDS Bit 13 (MSB) Output Complement, True
30, 31
D12N, D12P
LVDS Bit 12 Output Complement, True
33, 34
D11N, D11P
LVDS Bit 11 Output Complement, True
35, 36
D10N, D10P
LVDS Bit 10 Output Complement, True
37, 38
D9N, D9P
LVDS Bit 9 Output Complement, True
39, 40
D8N, D8P
LVDS Bit 8 Output Complement, True
41, 42
D7N, D7P
LVDS Bit 7 Output Complement, True
43, 44
D6N, D6P
LVDS Bit 6 Output Complement, True
46
RLVDS
LVDS Bias Resistor (connect to OVSS with 1%10k
Ω)
47, 48
CLKOUTN, CLKOUTP
LVDS Clock Output Complement, True
49, 50
D5N, D5P
LVDS Bit 5 Output Complement, True
51, 52
D4N, D4P
LVDS Bit 4 Output Complement, True
53, 54
D3N, D3P
LVDS Bit 3 Output Complement, True
55, 56
D2N, D2P
LVDS Bit 2 Output Complement, True
57, 58
D1N, D1P
LVDS Bit 1 Output Complement, True
59, 60
D0N, D0P
LVDS Bit 0 (LSB) Output Complement, True
63, 64
ORN, ORP
LVDS Over Range Complement, True
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground
Pin Descriptions - 72 Ld QFN, LVDS Mode (Continued)
PIN NUMBER
LVDS PIN NAME
LVDS PIN FUNCTION


Similar Part No. - ISLA224P25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224P25 INTERSIL-ISLA224P25 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
ISLA224P25 INTERSIL-ISLA224P25 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA224P25 RENESAS-ISLA224P25 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
ISLA224P25IRZ RENESAS-ISLA224P25IRZ Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
More results

Similar Description - ISLA224P25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com