Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21090 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL21090
Description  Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21090 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL21090 Datasheet HTML 1Page - Intersil Corporation ISL21090 Datasheet HTML 2Page - Intersil Corporation ISL21090 Datasheet HTML 3Page - Intersil Corporation ISL21090 Datasheet HTML 4Page - Intersil Corporation ISL21090 Datasheet HTML 5Page - Intersil Corporation ISL21090 Datasheet HTML 6Page - Intersil Corporation ISL21090 Datasheet HTML 7Page - Intersil Corporation ISL21090 Datasheet HTML 8Page - Intersil Corporation ISL21090 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Ultra Low Noise, Precision Voltage Reference
ISL21090
The ISL21090 is a ultra low noise, high DC accuracy precision
voltage reference with wide input voltage range from 4.7V to
36V. The ISL21090 uses the new Intersil Advanced Bipolar
technology to achieve sub 2µVP-P 0.1Hz noise with an initial
voltage accuracy of 0.02%.
The ISL21090 offers a 2.5V output voltage option with
7ppm/°C temperature coefficient and also provides excellent
line and load regulation. The device is offered in an 8 Ld SOIC
package.
The ISL21090 is ideal for high-end instrumentation, data
acquisition and processing applications requiring high DC
precision where low noise performance is critical.
Features
• Reference Output Voltage Option
- 2.5V (Released)
- 1.25V, 3.3V, 4.096V, 5V, 7V and 10V (Coming Soon)
• Initial Accuracy . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.02%
• Output Voltage Noise . . . . . . . . . . . 1.9µVP-P Typ (0.1Hz to 10Hz)
(2.5V Option)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 930µA (Typ)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7ppm/°C Max
(3ppm/°C Coming Soon)
• Output Current Capability . . . . . . . . . . . . . . . . . . . . . . . . 20mA
• Line Regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8ppm/V
• Load Regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5ppm/mA
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
Applications
• High-End Instrumentation
• Precision Voltage Sources for Data Acquisition System,
Industrial Control, Communication Infrastructure
• Process Control and Instrumentations
FIGURE 1. ISL21090 TYPICAL APPLICATION DIAGRAM
FIGURE 2. VOUT vs TEMPERATURE
10µF
0.1µF
CHIP SELECT
SERIAL CLOCK
SERIAL DATA I/O
VDD
VREF
SCLK
SDIO
CSb
OUTxS
GND
DACOUTx
VIN
VREF
0.1µF
OUTxF
DAC
1
2
3
4
DNC
GND
VOUT
TRIM
6
8
7
5
DNC
DNC
COMP
VIN
2.4980
2.4985
2.4990
2.5000
2.5005
2.5010
-55
-35
-15
5
25
45
65
85
105
125 145
TEMPERATURE (°C)
TYPICAL TEMPERATURE
COEFFICIENT CURVE FOR 10 UNITS
2.4995
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
June 8, 2011
FN6993.0


Similar Part No. - ISL21090

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090AFB825Z-TK INTERSIL-ISL21090AFB825Z-TK Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
ISL21090B INTERSIL-ISL21090B Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL21090

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com