Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95210HRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL95210HRZ
Description  10A Synchronous Buck Regulator with Integrated Power MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95210HRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL95210HRZ Datasheet HTML 1Page - Intersil Corporation ISL95210HRZ Datasheet HTML 2Page - Intersil Corporation ISL95210HRZ Datasheet HTML 3Page - Intersil Corporation ISL95210HRZ Datasheet HTML 4Page - Intersil Corporation ISL95210HRZ Datasheet HTML 5Page - Intersil Corporation ISL95210HRZ Datasheet HTML 6Page - Intersil Corporation ISL95210HRZ Datasheet HTML 7Page - Intersil Corporation ISL95210HRZ Datasheet HTML 8Page - Intersil Corporation ISL95210HRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ISL95210
5
FN6938.2
June 2, 2011
Absolute Maximum Ratings
Thermal Information
All pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Recommended Operating Conditions
VCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+5V ±10%
PVCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+5V ±10%
VIN Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+3.3V to +5V ±10%
Junction Temperature (ISL95210HRZ) . . . . . . . . . . . . . . .-10°C to +125°C
Junction Temperature (ISL95210IRZ) . . . . . . . . . . . . . . . .-40°C to +125°C
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
32 Ld QFN Package (Notes 4, 5) . . . . . . . .
40
4
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Recommended Operating Conditions, Unless Otherwise Specified. Boldface limits apply over the
operating temperature range (-10°C to +100°C for ISL95210HRZ; -40°C to +100°C for
ISL95210IRZ).
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
BIAS SUPPLIES
Shutdown Supply Current [PVCC]
EN = low, VIN = PVCC = high
0.4
10
µA
Switching Supply Current [PVCC]
EN = high, VCC = high, FSET = GND(400kHz),
FCCM = high
7.2
mA
EN = high, VCC = high, FSET = FLOAT (533kHz),
FCCM = high
8.9
mA
EN = high, VCC = high, FSET = high (800kHz),
FCCM = high
12.2
mA
Standby Supply Current [PVCC]
EN = high, VCC = high, FCCM = low, IOUT = 0A
1.9
2.7
mA
VCC POR (Power-On Reset) Threshold
VCC rising
4.25
4.50
V
VCC falling
4.00
4.25
V
PWM MODULATOR
Oscillator Frequency Accuracy, FSW (ISL95210HRZ) FSET=GND(400kHz)/FLOAT(533kHz)/VCC (800kHz)
TA = +25°C
-5
5
%
FSET = GND(400kHz)/FLOAT(533kHz)/VCC (800kHz),
-10°C to +100°C
-10
10
%
Oscillator Frequency Accuracy, FSW (ISL95210IRZ) FSET = GND(400kHz)/FLOAT(533kHz)/VCC (800kHz)
-40°C to +100°C
-15
15
%
CONTROL THRESHOLDS
EN Rising Threshold
2.0
V
EN Falling Threshold
1.0
V
FCCM, MPCT, MSEL, FSET, VSEL_
Input Low Threshold
1.20
1.50
1.80
V
FCCM, MPCT, MSEL, FSET, VSEL_
Input Floating Voltage
Input impedance > 1M
Ω
1.85
2.00
2.15
V
FCCM, MPCT, MSEL, FSET, VSEL_
Input High Threshold
2.2
2.50
2.8
V


Similar Part No. - ISL95210HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95210HRZ RENESAS-ISL95210HRZ Datasheet
1Mb / 20P
   High Efficiency 5V, 10A Buck Regulator
More results

Similar Description - ISL95210HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com