Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95871CHRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL95871CHRZ
Description  SMBus Interfaced Battery Charger with Internal FETs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95871CHRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL95871CHRZ Datasheet HTML 2Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 3Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 4Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 5Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 6Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 7Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 8Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 9Page - Intersil Corporation ISL95871CHRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ISL95871C
6
FN6856.2
June 8, 2011
Absolute Maximum Ratings
Thermal Information
DCIN, CSIP, CSIN, CSOP, CSON, VIN to PGND . . . . . . . . . . . . . . . -0.3V to +28V
DCIN, CSIP, CSIN, VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
CSOP, CSON, VFB to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
CSIP-CSIN, CSOP-CSON, PGND-AGND . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
PHASE-PGND and VIN-PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to +28V
UGATE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PHASE - 0.3V to BOOT + 0.3V
BOOT to PGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
BOOT to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
ICOMP, VCOMP, VREF, to AGND. . . . . . . . . . . . . . . . . . . .-0.3V to VDD + 0.3V
VDDSMB, SCL, SDA, ACIN, ACOK to AGND . . . . . . . . . . . . . . . . -0.3V to +6V
VDD to AGND, VDDP to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
50 Ld 5x7 QFN Package (Notes 4, 5) . . . . . .
32
2
Operating Junction Temperature Range . . . . . . . . . . . . . .-10°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature (see Figure 11). . . . . . . . . . . . . . . .-10°C to +100°C
Supply Voltage DCIN and VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V to 22V
VDDSMB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications VIN = DCIN = VCSIP = VCSIN = 19V, VCSOP = VCSON = 12V, VDDP = 5.1V, VBOOT -VPHASE = 5V,
AGND = PGND = 0V, VDDSMB = 5V. All typical specifications TA = +25°C. Boldface limits apply over the junction temperature range, -10°C to
+125°C.
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS
CHARGE VOLTAGE REGULATION
Battery Full Charge Voltage and Accuracy
ChargeVoltage = 0x41A0
16.716
16.8
16.884
V
-0.5
0.5
%
ChargeVoltage = 0x3130
12.529 12.592 12.655
V
-0.5
0.5
%
ChargeVoltage = 0x20D0
8.358
8.4
8.442
V
-0.5
0.5
%
ChargeVoltage = 0x1060
4.163
4.192
4.221
V
-0.7
0.7
%
Battery Trickle Charge Threshold
VFB rising
2.55
2.7
2.85
V
Battery Trickle Charge Threshold Hysteresis
100
200
400
mV
CHARGE CURRENT REGULATION
CSOP to CSON Full-Scale Current-Sense Voltage
78.22
80.64
83.06
mV
Charge Current and Accuracy
RS2 = 10m
Ω (see Figure 4)
ChargeCurrent = 0x1F80
CSON from 0V to 19.2V
7.822
8.064
8.306
A
-3
3
%
RS2 = 10m
Ω (see Figure 4)
ChargeCurrent = 0x0F80
CSON from 0V to 19.2V
3.849
3.968
4.087
A
-3
3
%
RS2 = 10m
Ω (see Figure 4)
ChargeCurrent = 0x0080
CSON from 0V to 19.2V
64
128
220
mA
Charge Current Gain Error
Based on charge current = 128mA and 8.064A
-1.6
1.4
%


Similar Part No. - ISL95871CHRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95871CHRZ INTERSIL-ISL95871CHRZ Datasheet
720Kb / 25P
   SMBus Interfaced Battery Charger with Internal FETs
logo
Renesas Technology Corp
ISL95871CHRZ RENESAS-ISL95871CHRZ Datasheet
1Mb / 26P
   SMBus Interfaced Battery Charger with Internal FETs
More results

Similar Description - ISL95871CHRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95871C INTERSIL-ISL95871C Datasheet
720Kb / 25P
   SMBus Interfaced Battery Charger with Internal FETs
logo
Renesas Technology Corp
ISL95871C RENESAS-ISL95871C Datasheet
1Mb / 26P
   SMBus Interfaced Battery Charger with Internal FETs
logo
Intersil Corporation
ISL9519CHRZ INTERSIL-ISL9519CHRZ Datasheet
103Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface and Internal Switching FETs
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
   SMBus Level 2 Battery Charger
logo
Maxim Integrated Produc...
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
   Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
logo
Intersil Corporation
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
   SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Intersil Corporation
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
   SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com