Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB20R06XE3 Datasheet(PDF) 2 Page - eupec GmbH

Part # FB20R06XE3
Description  IGBT-modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FB20R06XE3 Datasheet(HTML) 2 Page - eupec GmbH

  FB20R06XE3 Datasheet HTML 1Page - eupec GmbH FB20R06XE3 Datasheet HTML 2Page - eupec GmbH FB20R06XE3 Datasheet HTML 3Page - eupec GmbH FB20R06XE3 Datasheet HTML 4Page - eupec GmbH FB20R06XE3 Datasheet HTML 5Page - eupec GmbH FB20R06XE3 Datasheet HTML 6Page - eupec GmbH FB20R06XE3 Datasheet HTML 7Page - eupec GmbH FB20R06XE3 Datasheet HTML 8Page - eupec GmbH FB20R06XE3 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Technische Information / technical information
FB20R06XE3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
9
#
$
$
%&' ( )*+
,;;<
0
,
$
"
+
?
4f
8
9
#
"
?
: ( 3 "
4f;<
=
8
>
$
4g
,; (
,2 : ( 3 " 2 %&' ( 3 )*+
,; (
,2 : ( 3 " 2 %&' ( 3) *+
4g
=K2
=)2
8g
8g
Charakteristische Werte / characteristic values
"
" E
$
?
$
4f (
82 ,B. (
,
4f (
82 ,B. (
,
4f (
82 ,B. (
,
,f
320
32))
32)
2
,
,
,
%&' ( )*+
%&' ( 3 )*+
%&' ( 3) *+
N
"
4f (
82
fD
( 31
8DM V%&'(3) *+X
,; ( I
,
,B. ( 3) ,
4;<
I=2
I12
= 2
8
8
8
%&' ( )*+
%&' ( 3 )*+
%&' ( 3) *+
#
U$
$
$
$
4f (
82
fD
( 31
8DM V%&'(3) *+X
,; ( I
,
,B. ( 3) ,
LT
32
32 )
2
M+
M+
M+
%&' ( )*+
%&' ( 3 )*+
%&' ( 3) *+
8
$
9
$
4f (
82
fD
( 31
8DM V%&'(3) *+X
,; ( I
,
,B. ( 3) ,
!TRh
2 3
2I
2=
"\
"\
"\
%&' ( )*+
%&' ( 3 )*+
%&' ( 3) *+
4
AF " ?
"
2 `
N@Ja-
20)
2K)
DA
b
$
$ AF " ?
"
2
D
c:HG@R ( 3 ADV"_ X D
cdTRHGR ( 3 ADV"_ X
N@J-e
21
DA


Similar Part No. - FB20R06XE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FB20R06KL4 EUPEC-FB20R06KL4 Datasheet
216Kb / 12P
   IGBT-Modules
logo
Infineon Technologies A...
FB20R06W1E3 INFINEON-FB20R06W1E3 Datasheet
570Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB20R06W1E3 INFINEON-FB20R06W1E3 Datasheet
910Kb / 10P
   EasyPIM Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2013-10-29 revision:2.1
FB20R06W1E3 INFINEON-FB20R06W1E3_13 Datasheet
910Kb / 10P
   EasyPIM Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2013-10-29 revision:2.1
FB20R06W1E3_B1 INFINEON-FB20R06W1E3_B1 Datasheet
670Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
More results

Similar Description - FB20R06XE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com