Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ3600S17K3_B2 Datasheet(PDF) 2 Page - eupec GmbH

Part No. DZ3600S17K3_B2
Description  IGBT-modules
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUPEC [eupec GmbH]
Homepage  http://www.eupec.com
Logo 

   
 2 page
background image
2
Technische Information / technical information
DZ3600S17K3_B2
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Modul / module
2
! ?
"
"
>
8 ' ( R 8 '
0
+STUV
F8
#+
"
0
0
4
*
?
2
0
4 W
Q
#
"
Q
#
Q? #
@
0
#
Q
#
Q
# @
0
0
8
8
00
X
#
Q
#
Q? #
@
0
#
Q
#
Q
# @
0
0
=8
=8
00
+ "
Q
1 "
"
0
# "
9
*$2
Y F
0
0 9
Z
"
"
K 0 1
0
8
#
@
0
[5\]MH '
@B0^QC @ [_EH\]H '
@B0^QC
>MNP`
8
Q@#
#
K
0
X]P;
R
" 1
8
4
?
*
0
8
0
$P ' ()*8
@
1
>PPab;;a
8
0c
R
K
"
0
0 9 0 0 L
0
8 d 0 *
@ 2
8 d # *
$%& e\f
(
)*
$ 0
0
0
1
"
8 d 0 *
@ 2
8 d # *
$%& gh
F
(
)*
X "
0
"
0
$]M_
F
(
)*
4
"
0 0
0
d
"
"
0
"
i
" " 0 "? "
4
#
W
1
0
"
"
F8 (
(8.(
W0
4
"
0 0
#
4
?
0
i
F
" " 0 "? "
4
#
W
1
F 0
"
"
<
" " 0 "? "
4
#
W
1
< 0
"
"
8<
<8
8
W0
W0
6 1
1 "
6
(
"




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl