Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ950N Datasheet(PDF) 1 Page - eupec GmbH

Part # DZ950N
Description  Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

DZ950N Datasheet(HTML) 1 Page - eupec GmbH

  DZ950N Datasheet HTML 1Page - eupec GmbH DZ950N Datasheet HTML 2Page - eupec GmbH DZ950N Datasheet HTML 3Page - eupec GmbH DZ950N Datasheet HTML 4Page - eupec GmbH DZ950N Datasheet HTML 5Page - eupec GmbH DZ950N Datasheet HTML 6Page - eupec GmbH DZ950N Datasheet HTML 7Page - eupec GmbH DZ950N Datasheet HTML 8Page - eupec GmbH DZ950N Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DZ950N
BIP AM / 00-09-28, K.-A. Rüther
A22/00
1/9
Seite/page
Kenndaten
Elektrische Eigenschaften
Thermische Eigenschaften
DZ950N
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Spitzensperrspannung
repetitive peak reverse voltages
Tvj = -40°C... Tvj max
VRRM
3600
4000
4400
V
V
Stoßspitzensperrspannung
non-repetitive peak reverse voltage
Tvj = +25°C... Tvj max
VRSM
3700
4100
4500
V
V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
IFRMSM
1500 A
Dauergrenzstrom
average on-state current
TC = 100 °C
IFAVM
950 A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
IFSM
35.000
29.000
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
6.125.000
4.205.000
A²s
A²s
Charakteristische Werte / Characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iF = 3000 A
vF
max.
1,78 V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
0,85 V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
0,28 mΩ
Sperrstrom
reverse current
Tvj = Tvj max , vR = VRRM
iR
max.
100 mA
Isolations-Prüfspannung
insulation test voltage
RMS, f = 50 Hz, t = 1 sec
RMS, f = 50 Hz, t = 1 min
VISOL
3,6
3,0
kV
kV
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
pro Modul / per Module, Θ = 180° sin
pro Modul / per Module, DC
RthJC
max.
max.
0,042
0,0405
°C/W
°C/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro Modul / per Module
pro Zweig / per arm
RthCH
max.
0,01 °C/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
160 °C
Betriebstemperatur
operating temperature
Tc op
- 40...+150 °C
Lagertemperatur
storage temperature
Tstg
- 40...+150 °C
prepared by: C. Drilling
date of publication: 06.05.03
approved by: M. Leifeld
revision:
1


Similar Part No. - DZ950N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZ9F10S92 DIODES-DZ9F10S92 Datasheet
504Kb / 5P
   SURFACE MOUNT ZENER DIODE
DZ9F11S92 DIODES-DZ9F11S92 Datasheet
504Kb / 5P
   SURFACE MOUNT ZENER DIODE
DZ9F12S92 DIODES-DZ9F12S92 Datasheet
504Kb / 5P
   SURFACE MOUNT ZENER DIODE
DZ9F13S92 DIODES-DZ9F13S92 Datasheet
504Kb / 5P
   SURFACE MOUNT ZENER DIODE
DZ9F15S92 DIODES-DZ9F15S92 Datasheet
504Kb / 5P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - DZ950N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
   Rectifier Diode Module
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
   Rectifier Diode Module
ND350N EUPEC-ND350N Datasheet
242Kb / 10P
   Rectifier Diode Module
logo
New Jersey Semi-Conduct...
SKKE600 NJSEMI-SKKE600 Datasheet
305Kb / 3P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DD104N EUPEC-DD104N Datasheet
239Kb / 10P
   Rectifier Diode Module
logo
Infineon Technologies A...
DDB6U85N16L INFINEON-DDB6U85N16L Datasheet
337Kb / 7P
   Rectifier Diode Module
Rev.2
logo
Inchange Semiconductor ...
ND260N12K ISC-ND260N12K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DZ540N EUPEC-DZ540N Datasheet
274Kb / 10P
   Rectifier Diode Module
DZ1070N EUPEC-DZ1070N Datasheet
231Kb / 10P
   Rectifier Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com