Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ435N Datasheet(PDF) 5 Page - eupec GmbH

Part No. DZ435N
Description  Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUPEC [eupec GmbH]
Homepage  http://www.eupec.com
Logo 

 
 5 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DZ 435N
BIP AC / 04-12-21, C. Drilling
A18/04
5/10
Rev. 1
Seite/page
Vorläufige Daten
Preliminary data
R,Tau_Glieder des Kühlers
Natürliche Kühlung / Natural cooling
3 Module pro Kühler / 3 modules per heatsink
Kühler / Heatsink type: KM17 (120W)
Analytische Elemente des transienten Wärmewiderstandes Z thCA
Analytical elements of transient thermal impedance Z thCA
Pos. n
1
2
3
4
5
6
7
Rthn [°C/W]
0,01176
0,0412
0,717
τ
n [s]
3,19
28,3
1370
Verstärkte Kühlung / Forced cooling
3 Module pro Kühler / 3 modules per heatsink
Kühler / Heatsink type: KM17 (Papst 4650)
Analytische Elemente des transienten Wärmewiderstandes Z thCA
Analytical elements of transient thermal impedance Z thCA
Pos. n
1
2
3
4
5
6
7
Rthn [°C/W]
0,0075
0,0435
0,239
τ
n [s]
6,4
31,8
497
Analytische Funktion / Analytical function:
Σ
=
τ
max
n
n=1
thn
thCA
n
– t
- e
1
R
Z




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl