Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ435N Datasheet(PDF) 1 Page - eupec GmbH

Part No. DZ435N
Description  Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUPEC [eupec GmbH]
Homepage  http://www.eupec.com
Logo 

 
 1 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DZ 435N
BIP AC / 04-12-21, C. Drilling
A18/04
1/10
Rev. 1
Seite/page
Vorläufige Daten
Preliminary data
Kenndaten
Elektrische Eigenschaften
Thermische Eigenschaften
DZ 435N
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Spitzensperrspannung
repetitive peak reverse voltages
Tvj = -40°C... Tvj max
VRRM
4000 V
Stoßspitzensperrspannung
non-repetitive peak reverse voltage
Tvj = +25°C... Tvj max
VRSM
4100 V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
IFRMSM
1100 A
Dauergrenzstrom
average on-state current
TC = 100°C
TC = 47°C
IFAVM
435
700
A
A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
IFSM
14.500
12.000
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
1.050.000
720.000
A²s
A²s
Charakteristische Werte / Characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iF = 1200 A
vF
max.
1,71 V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
0,84 V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
0,6 mΩ
Sperrstrom
reverse current
Tvj = Tvj max , vR = VRRM
iR
max.
50 mA
Isolations-Prüfspannung
insulation test voltage
RMS, f = 50 Hz, t = 1 sec
RMS, f = 50 Hz, t = 1 min
VISOL
3,6
3,0
kV
kV
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
pro Modul / per Module, Θ = 180° sin
pro Modul / per Module, DC
RthJC
max.
max.
0,0780
0,0745
°C/W
°C/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro Modul / per Module
RthCH
max.
0,02 °C/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
150 °C
Betriebstemperatur
operating temperature
Tc op
- 40...+150 °C
Lagertemperatur
storage temperature
Tstg
- 40...+150 °C
prepared by: C. Drilling
date of publication: 21.12.04
approved by: M. Leifeld
revision:
1




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl