Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ435N Datasheet(PDF) 8 Page - eupec GmbH

Part No. DZ435N
Description  Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUPEC [eupec GmbH]
Homepage  http://www.eupec.com
Logo 

 
 8 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DZ 435N
BIP AC / 04-12-21, C. Drilling
A18/04
8/10
Rev. 1
Seite/page
Vorläufige Daten
Preliminary data
Sperrverzögerungsladung
Grenzstrom
1000
10000
1
10
100
-di/dt [A/µs]
iFM =
1600A
100A
200A
400A
800A
50A
Sperrverzögerungsladung / Recovered charge Qr = f(-di/dt)
Tvj = Tvjmax, vR ≤ 0,5 VRRM, vRM = 0,8 VRRM
Parameter: Durchlaßstrom / On-state current iFM
0
2.000
4.000
6.000
8.000
0,01
0,1
1
t [s]
a
TA = 35 °C
b
TA = 45 °C
Grenzstrom je Zweig / Maximum overload on-state current per arm IF(OV)M = f(t), vRM = 0,8 VRRM
a: Leerlauf / No-load conditions
b: Vorlaststrom je Zweig / Pre-load current per arm IFAV(vor) = IFAVM
Ta = 35°C, verstärkte Luftkühlung / Forced air cooling Kühlkörper / Heatsink type: KM17 (Papst 4650)
Ta = 45°C, natürliche Luftkühlung / Natural air cooling Kühlkörper / Heatsink type: KM17 (120W)




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl