Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3001N Datasheet(PDF) 4 Page - eupec GmbH

Part # D3001N
Description  Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D3001N Datasheet(HTML) 4 Page - eupec GmbH

  D3001N Datasheet HTML 1Page - eupec GmbH D3001N Datasheet HTML 2Page - eupec GmbH D3001N Datasheet HTML 3Page - eupec GmbH D3001N Datasheet HTML 4Page - eupec GmbH D3001N Datasheet HTML 5Page - eupec GmbH D3001N Datasheet HTML 6Page - eupec GmbH D3001N Datasheet HTML 7Page - eupec GmbH D3001N Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
D 3001N
BIP AC / SM PB 2003-05-27, Schneider / Keller
4/8
Seite/page
R,t – Werte
R
R,T-Werte
Analytische Elemente des transienten Wärmew iderstandes Z thJC
Analytical elements of transient thermal impedance Z thJC
Pos. n
1
2
3
4
5
6
7
Rthn [°C/W]
0,0032
0,00278
0,00158
0,00076
0,00018
beidseitig
two-sided
τ
n [s]
1,47
0,186
0,06
0,01
0,004
Rthn [°C/W]
0,00928
0,00025
0,00371
0,00101
0,00065
anodenseitg
anode-sided
τ
n [s]
7,8
0,55
0,15
0,03
0,0055
Rthn [°C/W]
0,01432
0,00013
0,00325
0,00136
0,00074
kathodenseitig
cathode-sided
τ
n [s]
7,68
1,205
0,18
0,0408
0,00658
Analytische Funktion / Analytical function:
Σ
=
τ
max
n
n=1
thn
thJC
n
-t
e
1
R
Z
0
0, 00 5
0, 01
0, 01 5
0, 02
0,00 1
0 ,0 1
0 ,1
1
1 0
100
t / [se c. ]
d
k
a
Transienter innerer Wärmewiderstand für DC/ Transient thermal impedance Z thJC = f(t) for DC
Beidseitige Kühlung / Two-sided cooling
Anodenseitige Kühlung / Anode-sided cooling
Kathodenseitige Kühlung / Cathode-sided cooling


Similar Part No. - D3001N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D3001N INFINEON-D3001N Datasheet
250Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 9.1
More results

Similar Description - D3001N

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com