Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1031SH Datasheet(PDF) 2 Page - eupec GmbH

Part # D1031SH
Description  Fast Hard Drive Diod e
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D1031SH Datasheet(HTML) 2 Page - eupec GmbH

  D1031SH Datasheet HTML 1Page - eupec GmbH D1031SH Datasheet HTML 2Page - eupec GmbH D1031SH Datasheet HTML 3Page - eupec GmbH D1031SH Datasheet HTML 4Page - eupec GmbH D1031SH Datasheet HTML 5Page - eupec GmbH D1031SH Datasheet HTML 6Page - eupec GmbH D1031SH Datasheet HTML 7Page - eupec GmbH D1031SH Datasheet HTML 8Page - eupec GmbH D1031SH Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SH
Schnelle besch altungslose Diode
Fast Hard Drive Diod e
Datenblatt / Data sheet
D 1031SH
2/10
Seite/page
Thermische Eigenschaften
Mechanische Eigenschaften
Thermische Eigenschaften / Th ermal properties
Innerer Wärmewiderstand
thermal resistance, junc tion to c ase
Kühlfläc he / cooling surfac e
beids eitig / two-sided, θ = 180°sin
beids eitig / two-sided, DC
Anode / anode, DC
Kathode / c athode, DC
RthJC
max.
max.
max.
max.
0,0111
0,0100
0,0174
0,0236
°C/W
°C/W
°C/W
°C/W
Übergangs-Wärmewi derstand
thermal resistance, cas e to heatsi nk
Kühlfläc he / cooling surfac e
beids eitig / two-sided
einseitig / single-sided
RthCH
max.
max.
0,0030
0,0060
°C/W
°C/W
Höchstzul ässige Sperrschichttemperatur
maxi mum junction temperature
Tvjmax
140 °C
Betriebs temperatur
operating temperature
Tc op
0...+140 °C
Lagertemperatur
storage temperature
Tstg
-40...+150 °C
Mechanische Eigen schaften / Mech anical properties
Gehäuse, siehe Anlage
case, s ee annex
Seite 3
page 3
Si-Element mit Druc kkontakt
Si-pellet with press ure contac t
65DSX45
Anpress kraft
clampi ng force
F
27...45
kN
Gewic ht
weight
G
typ.
850 g
Kriechstrec ke
creepage distance
30 mm
Lufts trec ke
air distanc e
17 mm
Feuchteklass e
humidity classification
DIN 40040
C
Schwingfestigkeit
vibration r esistanc e
f = 50 Hz
50 m/s²


Similar Part No. - D1031SH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D1031SH INFINEON-D1031SH Datasheet
357Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 8.2
More results

Similar Description - D1031SH

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D911SH EUPEC-D911SH Datasheet
270Kb / 10P
   Fast Hard Drive Diod e
D1131SH EUPEC-D1131SH Datasheet
218Kb / 10P
   Fast Hard Drive Diod e
D1121SH EUPEC-D1121SH Datasheet
185Kb / 6P
   Fast Hard Drive Diod e
D931SH EUPEC-D931SH Datasheet
304Kb / 10P
   Fast Hard Drive Diode
D1961SH EUPEC-D1961SH Datasheet
270Kb / 10P
   Fast Hard Drive Diode
logo
Shanghai Leiditech Elec...
SDA1511DN LEIDITECH-SDA1511DN Datasheet
1Mb / 4P
   UNI-DIRECTIONAL TVS DIOD E
SDA1501DN LEIDITECH-SDA1501DN Datasheet
1Mb / 4P
   UNI-DIRECTIONAL TVS DIOD E
logo
eupec GmbH
D1331SH EUPEC-D1331SH Datasheet
219Kb / 10P
   Schnelle beschaltungslose Diode Fast Hard Drive Diode
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
   ThinkPad Hard Disk Drive
logo
A-Data Technology
NH03 A-DATA-NH03 Datasheet
501Kb / 1P
   NH03 External Hard Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com