Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D721S Datasheet(PDF) 5 Page - eupec GmbH

Part # D721S
Description  Schnelle Gleichrichterdiode Fast Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D721S Datasheet(HTML) 5 Page - eupec GmbH

  D721S Datasheet HTML 1Page - eupec GmbH D721S Datasheet HTML 2Page - eupec GmbH D721S Datasheet HTML 3Page - eupec GmbH D721S Datasheet HTML 4Page - eupec GmbH D721S Datasheet HTML 5Page - eupec GmbH D721S Datasheet HTML 6Page - eupec GmbH D721S Datasheet HTML 7Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig. 11
Turn-off-losses Eoff = f(di/dt)
diodes with VFmax
Application: GTO-freewheeling diode
Parameter:IFM; Snubberdiode D 291 S
tvj = 125°C; CS = 4 µF
für vR ≤ VRM
CS = 24 µF für vR ≥ VRM
LS = 0,2 µH
D 721 S
VR(Spr) = 3000 V
VR(Spr) = 2000 V
1000
100
10
10
100
1000
D 721 S_08
IFM = 3000A
2000A
1000A
600A
300A
100A
3
4
5
7
9
2
2
3
4
5
7
9
2
3
4
5 6 7 8 9
2
3
4
5 6 7 8 9
-di/dt [A/µs]
Qrr
[µAs]
-di/dt
IRM
Qrr
VR
IFM
1000
100
10
10
100
1000
D 721 S_09
2
3
4
5 6 7 8 9
2
3
4
5 6 7 8 9
2
3
4
5
7
9
2
3
4
5
7
9
Qrr
[µAs]
-di/dt [A/µs]
-di/dt
IRM
Qrr
VR
IFM
IFM = 3000A
2000A
1000A
600A
300A
100A
10
1
0,1
10
100
1000
D 721 S_11
2
3
4
5 6 7 8 9
2
3
4
5 6 7 8 9
2
3
4
5
7
9
2
3
4
5
7
9
IFM = 3000A
1000A
600A
300A
100A
Eoff
[Ws]
-di/dt [A/µs]
-di/dt
IRM
Qrr
VR
IFM
VR(Spr)
VR(Spr) = 3000 V
VR(Spr) = 2000 V
Fig. 8
Reverse recovery charge (upper limit, ca. 98% values)
Application: GTO-freewheeling diode
Parameter: IFM
tvj ≤ 125°C; CS ≥ 4µF
RS = 0 Ω; VR > 2000 V ... 3000 V
Fig. 9
Reverse recovery charge (lower limit, ca. 2% values)
Application: GTO-freewheeling diode
Parameter: IFM
tvj ≤ 125°C; CS ≥ 4µF
RS = 0 Ω; VR > 2000 V ... 3000 V
10
1
0,1
10
100
1000
D 721 S_13
3000A
1000A
600A
300A
100A
Eoff
[Ws]
-di/dt [A/µs]
-di/dt
IRM
Qrr
VR
IFM
VR(Spr)
2
3
4
5 6 7 8 9
2
3
4
5 6 7 8 9
2
3
4
5
7
9
2
3
4
5
7
9
VR(Spr) = 3000 V
VR(Spr) = 2000 V
Fig. 10
Turn-off-losses Eoff = f(di/dt)
diodes with VFmax
Application: GTO-freewheeling diode
Parameter:IFM; Snubberdiode D 291 S
tvj = 125°C; CS = 6 µF
für vR ≤ VRM
CS = 36 µF
für vR ≥ VRM
LS = 0,2 µH


Similar Part No. - D721S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D7212 ETC2-D7212 Datasheet
448Kb / 1P
   Fire Command Center, Fire Annunciator
More results

Similar Description - D721S

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D170U25 EUPEC-D170U25 Datasheet
65Kb / 5P
   Schnelle Gleichrichterdiode Fast Diode
D658S10 EUPEC-D658S10 Datasheet
71Kb / 6P
   Schnelle Gleichrichterdiode Fast Diode
D371S45T EUPEC-D371S45T Datasheet
49Kb / 5P
   Schnelle Gleichrichterdiode Fast Diode
D170S25 EUPEC-D170S25 Datasheet
71Kb / 5P
   Schnelle Gleichrichterdiode Fast Diode
D1381S45T EUPEC-D1381S45T Datasheet
51Kb / 4P
   Schnelle Gleichrichterdiode
D1461S3545T EUPEC-D1461S3545T Datasheet
136Kb / 12P
   Schnelle Gleichrichterdiode
D901S3545T EUPEC-D901S3545T Datasheet
78Kb / 7P
   Schnelle Gleichrichterdiode
logo
Infineon Technologies A...
D650S INFINEON-D650S Datasheet
151Kb / 6P
   Schnelle Diode Fast Diode
2009-03-16 revision:1.0
D450S INFINEON-D450S Datasheet
160Kb / 5P
   Schnelle Diode Fast Diode
2010-01-18 revision:3.1
D690S INFINEON-D690S Datasheet
170Kb / 6P
   Schnelle Diode Fast Diode
2008-09-15 revision:3.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com