Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMUN5314DW Datasheet(PDF) 6 Page - SeCoS Halbleitertechnologie GmbH

Part # SMUN5314DW
Description  NPN / PNP Digital Small Signal Transistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMUN5314DW Datasheet(HTML) 6 Page - SeCoS Halbleitertechnologie GmbH

Back Button SMUN5314DW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 10Page - SeCoS Halbleitertechnologie GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Elektronische Bauelemente
SMUN5311DW Series
NPN / PNP
Digital Small Signal Transistors
18-Dec-2009 Rev. A
Page 6 of 28
CHARACTERISTIC CURVES
TYPICAL ELECTRICAL CHARACTERISTICS
SMUN5311DW PNP TRANSISTOR
Figure 7. VCE(sat) versus IC
100
10
1
0.1
0.01
0.001
0
Vin, INPUT VOL
TAGE (VOL
TS)
TA = -
25°C
25°C
1
2
3
4
5
6
7
8
9
10
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current versus Input
Voltage
Figure 11. Input Voltage versus Output Current
0.01
20
IC, COLLECT
OR CURRENT (mA)
0.1
1
0
40
50
1000
1
10
100
IC, COLLECT
OR CURRENT (mA)
TA = 7
5°C
-25
°C
100
10
0
IC, COLLECT
OR CURRENT (mA)
0.1
1
10
100
10
20
30
40
50
TA = -
25°C
25°C
75°C
75°C
IC/I
B = 10
50
010
20
30
40
4
3
1
2
VR, REVERSE BIAS VOL
TAGE (VOL
TS)
0
TA = -
25°C
25°C
75°C
25°C
VCE = 10 V
f = 1 MHz
lE = 0 V
TA = 25
°C
VO =5 V
VO =0.2 V
30


Similar Part No. - SMUN5314DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN5314DW1T1G ONSEMI-SMUN5314DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5314DW1T1G ONSEMI-SMUN5314DW1T1G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
SMUN5314DW1T1G ONSEMI-SMUN5314DW1T1G Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
More results

Similar Description - SMUN5314DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Diodes Incorporated
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com