Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMUN5311DW Datasheet(PDF) 19 Page - SeCoS Halbleitertechnologie GmbH

Part # SMUN5311DW
Description  NPN / PNP Digital Small Signal Transistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMUN5311DW Datasheet(HTML) 19 Page - SeCoS Halbleitertechnologie GmbH

Back Button SMUN5311DW Datasheet HTML 15Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 16Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 17Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 18Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 19Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 20Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 21Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 22Page - SeCoS Halbleitertechnologie GmbH SMUN5311DW Datasheet HTML 23Page - SeCoS Halbleitertechnologie GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Elektronische Bauelemente
SMUN5311DW Series
NPN / PNP
Digital Small Signal Transistors
18-Dec-2009 Rev. A
Page 19 of 28
CHARACTERISTIC CURVES
TYPICAL ELECTRICAL CHARACTERISTICS — SMUN5331DW NPN TRANSISTOR
75°C
25°C
25°C
Figure 71. VCE(sat) versus IC
Figure 72. DC Current Gain
Figure 73. Output Capacitance
Figure 74. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 75. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
30
25
20
15
10
5
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
1000
12
6
45
50
40
30
20
10
0
0
2
4
8
10
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
15
10
5
0
0.1
1
20
25
75°C
25°C
TA = 25°C
75°C
25°C
TA = 25°C
75°C
25°C
TA = 25°C
0.01
35
25
15
5
0.01
0.1
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V


Similar Part No. - SMUN5311DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN5311DW1T1G ONSEMI-SMUN5311DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5311DW1T1G ONSEMI-SMUN5311DW1T1G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
SMUN5311DW1T2G ONSEMI-SMUN5311DW1T2G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5311DW1T2G ONSEMI-SMUN5311DW1T2G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
SMUN5311DW1T3G ONSEMI-SMUN5311DW1T3G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
More results

Similar Description - SMUN5311DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Diodes Incorporated
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com