Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMG2319P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2319P
Description  P-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2319P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMG2319P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2319P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG2319P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG2319P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SMG2319P Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
SMG2319P
-2.1A , -30V , RDS(ON) 200 m
P-Channel Enhancement MOSFET
12-Apr-2011 Rev. B
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SC-59
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The miniature surface mount MOSFETs utilize
high cell density process. Low RDS(on) assures minimal
power loss and conserves energy, making this
device ideal for use in power management circuitry.
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life.
Fast Switch.
Low Gate Charge.
Miniature SC-59 Surface Mount Package Saves
Board Space.
APPLICATION
Voltage control small signal switch, power management
in portable and battery-powered products such as computer
portable electronics and other battery power application.
PACKAGE INFORMATION
Package
MPQ
Leader Size
SC-59
3K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
TA=25°C
-2.1
Continuous Drain Current
1
TA=70°C
ID
-1.7
A
Pulsed Drain Current
2
IDM
±10
A
Continuous Source Current (Diode Conduction)
1
IS
-0.4
A
TA=25°C
1.25
Power Dissipation
1
TA=70°C
PD
0.8
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Data
t≦5 sec
250
Maximum Junction to Ambient
1
Steady-State
RθJA
285
°C/W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.10 REF.
B
2.25
3.00
H
0.40 REF.
C
1.30
1.70
J
0.10
0.20
D
1.00
1.40
K
0.45
0.55
E
1.70
2.30
L
0.85
1.15
F
0.35
0.50
1
2
3


Similar Part No. - SMG2319P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SMG2319P VBSEMI-SMG2319P Datasheet
499Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMG2319P SECOS-SMG2319P_15 Datasheet
774Kb / 5P
   P-Channel Enhancement MOSFET
More results

Similar Description - SMG2319P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com