Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI7912A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part No. SI7912A
Description  3-Terminal Negative Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI7912A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SI7912A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI7912A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI7912A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI7912A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI7912A Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 of 5
-Jun-2002 Rev. A
Page 3 of 5
01
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
VO
SI79XXA
3-Terminal
Negative Voltage Regulator
SI7908A (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-14V, Cin=2 F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-7.76
-8.0
-8.24
VO
B-Rank (5%)
-7.60
-
-8.40
V
Vin=-14V, Io=500mA, Tj=25 :
-10.5V Vin -23V, 5mA Io 1A, PD 15W
-
12.5
160
-10.5V Vin -25V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
4
80
mV
-11V Vin -17V, Io=500mA, Tj=25 :
-
15
160
Vin=-14V, 5mA Io 1.5A, Tj=25 :
VO
(Load Regulation)
-
5
80
mV
Vin=-14V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-14V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-14V, 5mA Io 1A
I
Q
-
-
1.0
mA
-10.5V Vin -25V, Io=500mA
Vn
-
200
-
V
10Hz f 100KHz, Tj=25 :
RR
54
-
-
dB
-11.5V Vin -21.5V, f=120Hz, Tj=25 :
VD
-
1.1
-
V
I
o=1A, Tj=25 :
I
pk
-
2.1
-
A
Tj=25 :
Vo / Tj
-
-0.6
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
SI7912A (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-19V, Cin=2 F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-11.64
-12.0
-12.36
VO
B-Rank (5%)
-11.40
-
-12.60
V
Vin=-19V, Io=500mA, Tj=25 :
-14.5V Vin -27V, 5mA Io 1A, PD 15W
-
5
80
-14.5V Vin -30V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
3
30
mV
-16V Vin -22V, Io=500mA, Tj=25 :
-
15
200
Vin=-19V, 5mA Io 1.5A, Tj=25 :
VO
(Load Regulation)
-
5
75
mV
Vin=-19V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-19V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-19V, 5mA Io 1A
I
Q
-
-
0.5
mA
-14.5V Vin -30V, Io=500mA
Vn
-
300
-
V
10Hz f 100KHz, Tj=25 :
RR
54
-
-
dB
-15V Vin -25V, f=120Hz, Tj=25 :
VD
-
1.1
-
V
I
o=1A, Tj=25 :
I
pk
-
2.1
-
A
Tj=25 :
Vo / Tj
-
-0.8
-
mV/ :
I
o=5mA, 0 :
Tj 125 :


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn