Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI79XX Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part No. SI79XX
Description  3-Terminal Negative Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI79XX Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SI79XX Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI79XX Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI79XX Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI79XX Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI79XX Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Input Voltage
1
-55~+150
Output Current
Storage Temperature Range
Tj, Tstg
Thermal Resistance Junction-Air (RθJA)
-35
SI7905~18
SI7924
-40
Thermal Resistance Junction-Cases (RθJC)
IO
C
C
o
o
Operating Junction And
Parameter
Symbol
Ratings
Unit
V
A
VIN
Absolute Maximum Ratings
W/
V
VIN
R
θJA
R
θJC
125
12.5
C
o
W/
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 5
Description
The SI79XX series of fixed-voltage monolithic intergrated-
circuit voltage regulators designed to complement Series
SI78XX in a wide range of applications. These applications
include on-card regulation for elimination of noise and
distribution problems associated with single-point regulation.
Each of these regulators can deliver up to 1A of output
current. The internal current limiting and thermal shutdown
features of these regulators make them essentially immune
to overload. In addition to use as fixed-voltage regulators,
thesedevices can be used with external components to
obtain adjustable output voltage and current and also as the
power pass element in precision regulators.
Features
*-5V,-6V,-8V,-9V,-10V,-12V,-15V,-18V,-24V Output Voltage Available
*Output Transistor Safe-Area Compensation
*No External Components
*Internal Thermal Overload Protection
*Internal Short-Circuit Current Limiting
Elektronische Bauelemente
SI79XX
3-Terminal
Negative Voltage Regulator
Typical Application
SI79XX
TO-251
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.60
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Millimeter


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn