Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFG10SD400F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SFG10SD400F
Description  10 Amp Super Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SFG10SD400F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SFG10SD400F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SFG10SD400F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFG10SD200F ~ SFG10SD600F
Voltage 200 to 600 V
10 Amp Super Fast Rectifier
Elektronische Bauelemente
05-Jan-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies and halogen free
FEATURES
Fast switching for high efficiency
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
MECHANICAL DATA
Case:Molded plastic ITO-220Y
Epoxy:UL 94V-0 rate flame retardant
Terminals:Solderable per MIL-STD-202
method 208 guaranteed
Mounting position:Any
Polarity:Color band denotes cathode
Weight:1.73 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
Parameters
Symbol
Part Number
UNIT
SFG10SD
200F
SFG10SD
300F
SFG10SD
400F
SFG10SD
600F
Maximum Recurrent Peak Reverse Voltage
VRRM
200
300
400
600
V
Maximum RMS Voltage
VRMS
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
200
300
400
600
V
Maximum Average Forward Rectified
Current TC=100°C
IF(AV)
10
A
Peak Forward Surge Current,
8.3ms single Half sine-wave superimposed
on rated load (JEDEC method)
IFSM
100
A
Max. Instantaneous Forward Voltage
@ 5.0A
VF
0.95
1.3
1.7
V
Max. DC Reverse Current @ TJ=25°C
At Rated DC Blocking Voltage @ TJ=125°C
IR
10
250
A
Max. Reverse Recovery Time (Note 1)
TRR
35
nS
Typical Junction Capacitance (Note 2)
CJ
65
pF
Typical Thermal Resistance (Note 3)
RJC
2.2
°C / W
Operating Junction and Storage
Temperature Range
TJ, TSTG
-55 ~ +150
°C
NOTES:
(1)Reverse recovery test conditions IF= 0.5A, IR= 1.0A, IRR= 0.25A.
(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3)Thermal Resistance junction to Case.



ITO-220Y
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
14.80
15.20
G
0.30
0.70
B
9.50
10.50
H
3.50
3.41
C
12.40
14.30
K
0.50
0.65
D
4.30
4.70
L
2.35
2.70
E
2.80
3.20
M
2.50
2.80
F2.40
2.90
N
 3.2
3.6
A
M
K
L
L
G
F
B
N
D
E
C
H


Similar Part No. - SFG10SD400F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG10SD400 SECOS-SFG10SD400 Datasheet
273Kb / 2P
   10 Amp Super Fast Rectifier
More results

Similar Description - SFG10SD400F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG10ED50 SECOS-SFG10ED50 Datasheet
242Kb / 2P
   10 Amp Super Fast Rectifier
SFG10SD200 SECOS-SFG10SD200 Datasheet
273Kb / 2P
   10 Amp Super Fast Rectifier
SF10T60F SECOS-SF10T60F Datasheet
224Kb / 2P
   10 Amp Super Fast Recovery Rectifier
SF10T60 SECOS-SF10T60 Datasheet
226Kb / 2P
   10 Amp Super Fast Recovery Rectifier
SF08E60D1 SECOS-SF08E60D1 Datasheet
280Kb / 2P
   8 Amp Super Fast Rectifier
SF08E60 SECOS-SF08E60_15 Datasheet
259Kb / 2P
   8 Amp Super Fast Rectifier
SF08E60F SECOS-SF08E60F Datasheet
256Kb / 2P
   8 Amp Super Fast Rectifier
logo
WILLAS ELECTRONIC CORP
EFM201 WILLAS-EFM201 Datasheet
381Kb / 2P
   2.0 AMP SUPER FAST RECTIFIER
logo
SeCoS Halbleitertechnol...
SF08E60 SECOS-SF08E60 Datasheet
264Kb / 2P
   8 Amp Super Fast Rectifier
SF08E60D1 SECOS-SF08E60D1_15 Datasheet
280Kb / 2P
   8 Amp Super Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com