Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR40100 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SBR40100
Description  40.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SBR40100 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SBR40100_09 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBR40100_09 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SBR40100
VOLTAGE 100 V
40.0 Amp Schottky Barrier Rectifiers
16-Nov-2009 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Pin 1
Pin 3
Pin 2
Case
B
H
J
L
N
O
A
G
F
C
E
D
K
M
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 6.1 grams (Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
VALUES
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
100
V
Working Peak Reverse Voltage
VRSM
100
V
Maximum DC Blocking Voltage
VDC
100
V
Maximum Average Forward Rectified Current, See Fig. 1
Per Leg
Per Device
IF
20
40
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC method)
IFSM
250
A
Maximum Instantaneous Forward Voltage (IF=20 A, TA = 25°C, per leg)
Maximum Instantaneous Forward Voltage (IF=20 A, TA = 125°C, per leg)
VF
0.87
0.70
V
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TA = 25°C
TA = 125°C
IR
0.05
12
mA
Typical Junction Capacitance (Note 1)
CJ
500
pF
Typical Thermal Resistance (Note 2)
RθJA
2.0
°C / W
Voltage Rate of Chance (Rated VR)
dv / dt
10000
V /
µs
Operating Temperature Range
TJ
-50 ~ +150
°C
Storage Temperature Range
TSTG
-65 ~ +175
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2.
Thermal Resistance Junction to Case.
TO-247
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
15.38
16.20
H
1.98 REF.
B
4.20
5.36
J
0.45
0.85
C
20.63
22.38
K
2.80
3.10
D
-
21.50
L
-
4.50
E
7.87
8.13
M
2.92
3.23
F
4.32
7.20
N
3.25 Ø
3.65 Ø
G
5.20
5.70
O
30°


Similar Part No. - SBR40100_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR40100CT DIODES-SBR40100CT Datasheet
179Kb / 3P
   40A SBR Super Barrier Rectifier
SBR40100 Rev. 2
SBR40100CTFP DIODES-SBR40100CTFP Datasheet
179Kb / 3P
   40A SBR Super Barrier Rectifier
SBR40100 Rev. 2
logo
List of Unclassifed Man...
SBR40100PT ETC1-SBR40100PT Datasheet
79Kb / 2P
   Super barrier rectifier
logo
SeCoS Halbleitertechnol...
SBR40100R SECOS-SBR40100R Datasheet
266Kb / 2P
   VOLTAGE 100 V 40.0 Amp Schottky Barrier Rectifiers
SBR40100RF SECOS-SBR40100RF Datasheet
333Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SBR40100_09

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR4045 SECOS-SR4045 Datasheet
159Kb / 2P
   40.0 AMP Schottky Barrier Rectifiers
SR40200 SECOS-SR40200 Datasheet
117Kb / 2P
   40.0 AMP Schottky Barrier Rectifiers
SBR40150R SECOS-SBR40150R_15 Datasheet
227Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SBR40100RF SECOS-SBR40100RF_15 Datasheet
333Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SBR4060RF SECOS-SBR4060RF_15 Datasheet
133Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SBR4060RF SECOS-SBR4060RF Datasheet
133Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SR40150 SECOS-SR40150 Datasheet
121Kb / 2P
   40.0 AMP Schottky Barrier Rectifiers
SBR40100R SECOS-SBR40100R_15 Datasheet
269Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SBR40100RF SECOS-SBR40100RF Datasheet
333Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SBR40100 SECOS-SBR40100_15 Datasheet
68Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com