Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD67108MAC-GGGG Datasheet(PDF) 8 Page - Microsemi Corporation

Part # PD67108MAC-GGGG
Description  24-Channel PoE AF and AT DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD67108MAC-GGGG Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button PD67108MAC-GGGG Datasheet HTML 4Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 5Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 6Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 7Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 8Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 9Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 10Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 11Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM
Data Sheet (Non-confidential)
Copyright © 2009
Microsemi
Page 7
Rev. 1.0 / 17-March-10
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Pin Description
Signals are categorized as ‘analog’ (input or output) or ‘digital’ (input, output and I/O).
Pin
Pin Name
Pin Type
Pin Description
Pin
Pin
Name
Pin Type
Pin Description
1
85
2
86
3
87
4
88
5
89
6
Vmain
Main V+ input
90
Vmain
Main V+ input
7
91
8
92
9
93
10
94
11
95
12
Vmain_ret
Power input
Main V return
96
Vmain_ret
Power input
Main V return
13
Port_P0
Channel 1 positive output
97
14
Port_N0
Channel 1 negative output
98
15
Port_P1
Channel 2 positive output
99
16
Port_N1
Channel 2 negative output
100
17
Port_P2
Channel 3 positive output
101
18
Port_N2
Channel 3 negative output
102
19
Port_P3
Channel 4 positive output
103
20
Port_N3
Channel 4 negative output
104
21
Port_P4
Channel 5 positive output
105
22
Port_N4
Channel 5 negative output
106
23
Port_P5
Channel 6 positive output
107
24
Port_N5
Channel 6 negative output
108
25
Port_P6
Channel 7 positive output
109
26
Port_N6
Channel 7 negative output
100
27
Port_P7
Channel 8 positive output
111
28
Port_N7
Channel 8 negative output
112
Spare
29
Port_P8
Channel 9 positive output
113
TBD
TBD
30
Port_N8
Channel 9 negative output
114
TBD
TBD
31
Port_P9
Channel 10 positive output
115
TBD
TBD
32
Port_N9
Channel 10 negative output
116
TBD
TBD
33
Port_P10
Channel 11 positive output
117
I2C_Addr_0
Digital input
Auto mode; sets I2C address
34
Port_N10
Channel 11 negative output
118
Qgnd0
Ground
Quiet ground
35
Port_P11
Channel 12 positive output
119
CP_0
Analog output NC (not in use)
36
Port_N11
Analog output
Channel 12 negative output
120
ASICINI_6_
Out
37
TBD
TBD
121
ASICINI_7_
Out
Analog output
Determine DIMM 4 managers
ESPI address
38
TBD
TBD
122
xExist
Digital output Grounded internally- DIMM is
present
39
ASICINI_4_
Out
123
Ext_reg
Analog output External regulation for 3.3 V
40
ASICINI_5_
Out
Analog output
Determine DIMM 3 managers
ESPI address
124
3_3Vout
Analog output 3.3 V output to support opto
couplers (5 V tolerant)
41
xLed_Cs
Digital output
CS for LED support
125
XHswp_On
Digital output Connect to MCU
42
TBD
TBD
126
DGND
Ground
Digital ground
43
BKGD
Digital input
Factory use only
127
SCK
Digital I/O
SPI clock – PD69012 internal
comm
44
DGND
Ground
Digital ground
128
MISO
Digital I/O
SPI I/O – PD69012 internal
comm
45
xAsic_Reset
Digital I/O
Internal reset to PD69012
129
MOSI
Digital I/O
SPI I/O – PD69012 internal
comm
46
xReset_In
Digital input
A reset signal driven by the
Host CPU to PoE DIMM
130
ASICINI_0_
In
Analog input
Determine DIMM managers
ESPI address
47
ASICINI_0_
Out
Analog output
Determine DIMM 1 manager
ESPI address
131
ASICINI_1_
In
Analog input
Determine DIMM managers
ESPI address
48
ASICINI_1_
Out
Analog output
Determine DIMM 1 managers
ESPI address
132
CS0
Digital I/O
CS for ESPI
49
ASICINI_2_
Out
Analog output Determine DIMM 2 managers
ESPI address
133
DGND
Ground
Digital ground


Similar Part No. - PD67108MAC-GGGG

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PD6710 INTEL-PD6710 Datasheet
836Kb / 138P
   ISA-to-PC-Card (PCMCIA) Controllers
More results

Similar Description - PD67108MAC-GGGG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
   12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Microchip Technology
PD70211 MICROCHIP-PD70211 Datasheet
810Kb / 36P
   PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
logo
Level One
FGP-2410 LVL1-FGP-2410 Datasheet
860Kb / 5P
   24 PoE-Plus Fast Ethernet ports and 2 Gigabit combo (RJ-45/SFP) ports IEEE 802.3af/at PoE compliant to simplify deployment and installation
logo
List of Unclassifed Man...
S3-24P ETC2-S3-24P Datasheet
761Kb / 7P
   Layer 3 Switch with 24 Ports PoE/12 Ports PoE and 10G Uplinks
logo
Microchip Technology
PD70101 MICROCHIP-PD70101 Datasheet
1Mb / 31P
   PoE IEEE짰 802.3af/at PD Controller
2020
logo
Advantech Co., Ltd.
EKI-2701HP ADVANTECH-EKI-2701HP Datasheet
480Kb / 2P
   IEEE 802.3af/at Gigabit PoE Injector
8-Apr-2021
logo
Pulse A Technitrol Comp...
J435 PULSE-J435 Datasheet
1Mb / 7P
   1X4 Tab-Up PoE and PoE
logo
Level One
FEP-0811 LVL1-FEP-0811 Datasheet
338Kb / 4P
   IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
FEP-0812 LVL1-FEP-0812 Datasheet
403Kb / 4P
   IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
FEP-1611 LVL1-FEP-1611 Datasheet
350Kb / 4P
   IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com