Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD67108MAC-GGGG Datasheet(PDF) 4 Page - Microsemi Corporation

Part # PD67108MAC-GGGG
Description  24-Channel PoE AF and AT DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD67108MAC-GGGG Datasheet(HTML) 4 Page - Microsemi Corporation

  PD67108MAC-GGGG Datasheet HTML 1Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 2Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 3Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 4Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 5Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 6Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 7Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 8Page - Microsemi Corporation PD67108MAC-GGGG Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM
Data Sheet (Non-confidential)
Copyright © 2009
Microsemi
Page 4
Rev. 1.0 / 17-March-10
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
OPER ATIN G CONDITION S
PARAMETER
MIN.
NOM.
MAX.
UNIT
Operating ambient temperature
-10
+70
°C
Operating voltage (see Figure 2)
40 to 44
44 to 55
55 to 57
VDC
Operating humidity (non-condensing, Per IEC 68-2-56)
95
%
Notes
:
Operating functions depend on the input voltage.
Operating voltage range for IEEE802.3AF is 44 to 57 VDC
Operating voltage range for IEEE802.3AT (High Power) is 50 to 57 VDC
Figure 2: Operational voltage Ranges
Airflow
To prevent overheating, the application designer should supply a minimal airflow to the PD671xxx DIMMs.
Figure 3 shows the power handling capability versus air velocities in meter/second, as measured at all points of
the DIMM envelope, prior to insertion into the connector(s). As shown in Figure 12, the connectors are spaced
by 35 mm; 1 m/s = 197 LFM (linear feet per minute). Maximum allowed temperature is +85° C for the MCU
(PD69000) and +125° C for the PD69012.
Air flow
0
5
10
15
20
25
30
35
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
Ambient temperature
0m/S
0.5m/S
1m/S
Figure 3: Power per Port for two DIMMs (48 ports)


Similar Part No. - PD67108MAC-GGGG

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PD6710 INTEL-PD6710 Datasheet
836Kb / 138P
   ISA-to-PC-Card (PCMCIA) Controllers
More results

Similar Description - PD67108MAC-GGGG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
   12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Microchip Technology
PD70211 MICROCHIP-PD70211 Datasheet
810Kb / 36P
   PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
logo
Level One
FGP-2410 LVL1-FGP-2410 Datasheet
860Kb / 5P
   24 PoE-Plus Fast Ethernet ports and 2 Gigabit combo (RJ-45/SFP) ports IEEE 802.3af/at PoE compliant to simplify deployment and installation
logo
List of Unclassifed Man...
S3-24P ETC2-S3-24P Datasheet
761Kb / 7P
   Layer 3 Switch with 24 Ports PoE/12 Ports PoE and 10G Uplinks
logo
Microchip Technology
PD70101 MICROCHIP-PD70101 Datasheet
1Mb / 31P
   PoE IEEE짰 802.3af/at PD Controller
2020
logo
Advantech Co., Ltd.
EKI-2701HP ADVANTECH-EKI-2701HP Datasheet
480Kb / 2P
   IEEE 802.3af/at Gigabit PoE Injector
8-Apr-2021
logo
Pulse A Technitrol Comp...
J435 PULSE-J435 Datasheet
1Mb / 7P
   1X4 Tab-Up PoE and PoE
logo
Level One
FEP-0811 LVL1-FEP-0811 Datasheet
338Kb / 4P
   IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
FEP-0812 LVL1-FEP-0812 Datasheet
403Kb / 4P
   IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
FEP-1611 LVL1-FEP-1611 Datasheet
350Kb / 4P
   IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com