Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT380N Datasheet(PDF) 3 Page - eupec GmbH

Part # TT380N
Description  Phase Control Thyristor Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

TT380N Datasheet(HTML) 3 Page - eupec GmbH

  TT380N Datasheet HTML 1Page - eupec GmbH TT380N Datasheet HTML 2Page - eupec GmbH TT380N Datasheet HTML 3Page - eupec GmbH TT380N Datasheet HTML 4Page - eupec GmbH TT380N Datasheet HTML 5Page - eupec GmbH TT380N Datasheet HTML 6Page - eupec GmbH TT380N Datasheet HTML 7Page - eupec GmbH TT380N Datasheet HTML 8Page - eupec GmbH TT380N Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
N
Netz-Thyristor-Modul
Phase Control Thyristor Module
Datenblatt / Data sheet
TT380N
BIP AC / 04.12.1995, A. Rüther
A 127/95
3/12
Seite/page
Maßbild
Maßbild
Maßbild
12
3
TT
45
76


Similar Part No. - TT380N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TT3031NP SANYO-TT3031NP Datasheet
41Kb / 4P
   PNP Epitaxial Planar Silicon Transistor 50V / 3A High-Speed Switching
logo
Infineon Technologies A...
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
logo
eupec GmbH
TT310N EUPEC-TT310N Datasheet
418Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
WALSIN TECHNOLOGY CORPO...
TT31B476K100CG WALSIN-TT31B476K100CG Datasheet
2Mb / 9P
   Low Profile Series
TT31B476K100CT WALSIN-TT31B476K100CT Datasheet
2Mb / 9P
   Low Profile Series
More results

Similar Description - TT380N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TT330N ETC-TT330N Datasheet
66Kb / 4P
   Phase Control Thyristor Module
logo
eupec GmbH
TT570N EUPEC-TT570N Datasheet
409Kb / 13P
   Phase Control Thyristor Module
TTW3C115N16 EUPEC-TTW3C115N16 Datasheet
432Kb / 10P
   Phase Control Thyristor Module
TT180N EUPEC-TT180N Datasheet
407Kb / 13P
   Phase Control Thyristor Module
TT92N EUPEC-TT92N Datasheet
410Kb / 13P
   Phase Control Thyristor Module
TTW3C85N16 EUPEC-TTW3C85N16 Datasheet
313Kb / 10P
   Phase Control Thyristor Module
TTB6C95N16 EUPEC-TTB6C95N16 Datasheet
370Kb / 7P
   Phase Control Thyristor Module
TTB6C135N16 EUPEC-TTB6C135N16 Datasheet
429Kb / 7P
   Phase Control Thyristor Module
TD142N EUPEC-TD142N Datasheet
445Kb / 13P
   Netz-Thyristor-Module Phase Control Thyristor Module
logo
Infineon Technologies A...
TT425N16KOF INFINEON-TT425N16KOF Datasheet
404Kb / 14P
   TT425N16KOF Phase Control Thyristor Module
19.12.02 revision:1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com