Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM50GB120DN2 Datasheet(PDF) 3 Page - eupec GmbH

Part # BSM50GB120DN2
Description  IGBT Power Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM50GB120DN2 Datasheet(HTML) 3 Page - eupec GmbH

  BSM50GB120DN2 Datasheet HTML 1Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 2Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 3Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 4Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 5Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 6Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 7Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 8Page - eupec GmbH BSM50GB120DN2 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Oct-21-1997
BSM 50 GB 120 DN2
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Switching Characteristics, Inductive Load at Tj = 125 °C
Turn-on delay time
VCC = 600 V, VGE = 15 V, IC = 50 A
RGon = 22 Ω
td(on)
-
44
100
ns
Rise time
VCC = 600 V, VGE = 15 V, IC = 50 A
RGon = 22 Ω
tr
-
56
100
Turn-off delay time
VCC = 600 V, VGE = -15 V, IC = 50 A
RGoff = 22 Ω
td(off)
-
380
500
Fall time
VCC = 600 V, VGE = -15 V, IC = 50 A
RGoff = 22 Ω
tf
-
70
100
Free-Wheel Diode
Diode forward voltage
IF = 50 A, VGE = 0 V, Tj = 25 °C
IF = 50 A, VGE = 0 V, Tj = 125 °C
VF
-
-
1.8
2.3
-
2.8
V
Reverse recovery time
IF = 50 A, VR = -600 V, VGE = 0 V
diF/dt = -800 A/µs, Tj = 125 °C
trr
-
0.2
-
µs
Reverse recovery charge
IF = 50 A, VGE = 0 V
VR = -600 V, diF/dt = -800 A/µs, Tj = 25 °C
VR - 600 V, diF/dt - 800 A/µs, Tj = 125 °C
Qrr
-
-
8
2.8
-
-
µC


Similar Part No. - BSM50GB120DN2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM50GB120DN2 SIEMENS-BSM50GB120DN2 Datasheet
112Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
logo
Infineon Technologies A...
BSM50GB120DN2 INFINEON-BSM50GB120DN2 Datasheet
260Kb / 10P
   IGBT Power Module
Oct-21-1997
More results

Similar Description - BSM50GB120DN2

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM75GB170DN2 EUPEC-BSM75GB170DN2 Datasheet
313Kb / 10P
   IGBT Power Module
BSM100GB120DN2K EUPEC-BSM100GB120DN2K Datasheet
313Kb / 10P
   IGBT Power Module
BSM200GA120DN2 EUPEC-BSM200GA120DN2 Datasheet
208Kb / 11P
   IGBT Power Module
BSM200GB120DN2 EUPEC-BSM200GB120DN2 Datasheet
180Kb / 11P
   IGBT Power Module
logo
Solid States Devices, I...
PM0002 SSDI-PM0002 Datasheet
83Kb / 2P
   IGBT POWER MODULE
logo
eupec GmbH
BSM50GAL120DN2 EUPEC-BSM50GAL120DN2 Datasheet
142Kb / 6P
   IGBT Power Module
BSM100GB170DN2 EUPEC-BSM100GB170DN2 Datasheet
327Kb / 10P
   IGBT Power Module
BSM50GB170DN2 EUPEC-BSM50GB170DN2 Datasheet
260Kb / 10P
   IGBT Power Module
logo
Solid States Devices, I...
PM0010 SSDI-PM0010_15 Datasheet
82Kb / 2P
   IGBT POWER MODULE
logo
eupec GmbH
BSM75GB120DN2 EUPEC-BSM75GB120DN2 Datasheet
310Kb / 10P
   IGBT Power Module
BSM150GB170DN2 EUPEC-BSM150GB170DN2 Datasheet
332Kb / 10P
   IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com