Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP4086AABZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP4086AABZ
Description  80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086AABZ Datasheet(HTML) 4 Page - Intersil Corporation

  HIP4086AABZ Datasheet HTML 1Page - Intersil Corporation HIP4086AABZ Datasheet HTML 2Page - Intersil Corporation HIP4086AABZ Datasheet HTML 3Page - Intersil Corporation HIP4086AABZ Datasheet HTML 4Page - Intersil Corporation HIP4086AABZ Datasheet HTML 5Page - Intersil Corporation HIP4086AABZ Datasheet HTML 6Page - Intersil Corporation HIP4086AABZ Datasheet HTML 7Page - Intersil Corporation HIP4086AABZ Datasheet HTML 8Page - Intersil Corporation HIP4086AABZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HIP4086, HIP4086A
4
FN4220.7
June 1, 2011
17
24
14
AHO
BHO
CHO
(xHO)
High-Side Outputs. Connect to the gates of the High-Side power MOSFETs in each phase.
20
VDD
Positive Supply. Decouple this pin to VSS (Pin 6).
21
22
19
ALO
BLO
CLO
(xLO)
Low-Side Outputs. Connect the gates of the Low-Side power MOSFETs to these pins.
NOTE: x = A, B or C.
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 3)
PART MARKING
TEMP RANGE
(°C)
CHARGE PUMP
PACKAGE
PKG.
DWG. #
HIP4086AB
HIP4086AB
-40 to +125
Yes
24 Ld SOIC
M24.3
HIP4086ABZ (Note 2)
HIP4086ABZ
-40 to +125
Yes
24 Ld SOIC (Pb-free)
M24.3
HIP4086APZ (Note 2)
HIP4086APZ
-40 to +125
Yes
24 Ld PDIP (Pb-free)
E24.3
HIP4086AABZ (Note 2)
HIP4086AABZ
-40 to +125
No
24 Ld SOIC (Pb-free)
M24.3
HIP4086EVAL
Evaluation Board
NOTES:
1. Add “-T*”, suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for HIP4086, HIP4086A. For more information on MSL, please see Technical
Brief TB363.


Similar Part No. - HIP4086AABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086AABZ INTERSIL-HIP4086AABZ Datasheet
475Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
HIP4086AABZ INTERSIL-HIP4086AABZ Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086AABZ INTERSIL-HIP4086AABZ Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
More results

Similar Description - HIP4086AABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086ABZT INTERSIL-HIP4086ABZT Datasheet
475Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
logo
Renesas Technology Corp
HIP4086 RENESAS-HIP4086 Datasheet
777Kb / 17P
   80V, 500mA, 3-Phase MOSFET Driver
logo
Intersil Corporation
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4082 INTERSIL-HIP4082 Datasheet
308Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Renesas Technology Corp
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
HIP4082IBZT INTERSIL-HIP4082IBZT Datasheet
302Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
ISL6700 INTERSIL-ISL6700 Datasheet
255Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
logo
Renesas Technology Corp
ISL6700 RENESAS-ISL6700 Datasheet
435Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com