Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9014T Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S9014T
Description  Pre-Amplifier, Low Level & Low Noise
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S9014T Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S9014T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S9014T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
S9014T
NPN Silicon
Low Frequency, Low Noise Amplifier
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Current Gain Bandwidth Product
0
10
203040
50
0
10
20
30
40
50
60
70
80
90
100
I
B = 160µA
I
B = 140µA
I
B = 120µA
I
B = 100µA
I
B = 80µA
I
B = 60µA
I
B = 40µA
I
B = 20µA
V
CE [V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
10
100
1000
VCE = 5V
IC [mA], COLLECTOR CURRENT
1
10
100
1000
10
100
1000
I
C = 20 IB
V
BE (sat)
V
CE (sat)
I
C [mA], COLLECTOR CURRENT
1
10
100
1000
10
100
1000
VCE = 5V
IC [mA], COLLECTOR CURRENT
01-Jun-2002 Rev. A
Page 2 of 2


Similar Part No. - S9014T

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
S9014T SKTECHNOLGY-S9014T Datasheet
967Kb / 3P
   SOT-523 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9014T SECOS-S9014T_15 Datasheet
136Kb / 2P
   S9014T_15
More results

Similar Description - S9014T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9014 UTC-9014_2 Datasheet
107Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
List of Unclassifed Man...
2SC9014 ETC-2SC9014 Datasheet
75Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
ARTSCHIP ELECTRONICS CO...
MMBT9014 ARTSCHIP-MMBT9014 Datasheet
965Kb / 4P
   PRE-AMPLIFIER, LOW LEVEL, LOW NOISE
logo
Fairchild Semiconductor
SS9014 FAIRCHILD-SS9014 Datasheet
38Kb / 4P
   Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
9015 UTC-9015 Datasheet
78Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9015 UTC-MMBT9015_11 Datasheet
100Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9014 UTC-MMBT9014_11 Datasheet
130Kb / 3P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015_1106 UTC-9015_1106 Datasheet
74Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
SeCoS Halbleitertechnol...
S9014 SECOS-S9014_15 Datasheet
259Kb / 2P
   Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
MMBT9015 UTC-MMBT9015_15 Datasheet
116Kb / 3P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com