Electronic Components Datasheet Search |
|
CY8CLED08 Datasheet(PDF) 6 Page - Cypress Semiconductor |
|
CY8CLED08 Datasheet(HTML) 6 Page - Cypress Semiconductor |
6 / 52 page CY8CLED08 Document Number: 001-12981 Rev. *J Page 6 of 52 1.1 Additional System Resources System resources, some of which have been previously listed, provide additional capability useful to complete systems. Additional resources include a multiplier, decimator, switch mode pump (SMP), low-voltage detect (LVD), and power-on reset (POR). Statements describing the merits of each system resource are below. ■ Digital clock dividers provide three customizable clock frequencies for use in applications. The clocks can be routed to both the digital and analog systems. Additional clocks can be generated using digital blocks as clock dividers. ■ Multiply accumulate (MAC) provides fast 8-bit multiplier with 32-bit accumulate, to assist in general math and digital filters. ■ The decimator provides a custom hardware filter for digital signal processing applications including the creation of Delta Sigma ADCs. ■ The I 2C module provides 100 and 400 kHz communication over two wires. Slave, master, and multi-master modes are all supported. ■ Low-voltage detect (LVD) interrupts can signal the application of falling voltage levels, while the advanced POR circuit eliminates the need for a system supervisor. ■ An internal 1.3-V reference provides an absolute reference for the analog system, including ADCs and DACs. ■ An integrated SMP generates normal operating voltages from a single 1.2-V battery cell, providing a low cost boost converter. 1.2 EZ-Color Device Characteristics Depending on your EZ-Color device characteristics, the digital and analog systems can have 16, 8, or 4 digital blocks and 12, 6, or 4 analog blocks. The following table lists the resources available for specific EZ-Color device groups. The device covered by this data sheet is shown in the highlighted row of the table. 2. Getting Started The quickest way to understanding the EZ-Color silicon is by reading this data sheet and using the PSoC Designer integrated development environment (IDE). This data sheet is an overview of the EZ-Color integrated circuit and presents specific pin, register, and electrical specifications. For up-to-date ordering, packaging, and electrical specification information, see the latest device data sheets on the web at http://www.cypress.com. Application Notes Cypress application notes are an excellent introduction to the wide variety of possible PSoC designs. Development Kits PSoC Development Kits are available online from and through a growing number of regional and global distributors, which include Arrow, Avnet, Digi-Key, Farnell, Future Electronics, and Newark. Training Free PSoC technical training (on demand, webinars, and workshops), which is available online via www.cypress.com, covers a wide variety of topics and skill levels to assist you in your designs. CYPros Consultants Certified PSoC consultants offer everything from technical assistance to completed PSoC designs. To contact or become a PSoC consultant go to the CYPros Consultants web site. Solutions Library Visit our growing library of solution focused designs. Here you can find various application designs that include firmware and hardware design files that enable you to complete your designs quickly. Technical Support Technical support – including a searchable Knowledge Base articles and technical forums – is also available online. If you cannot find an answer to your question, call our Technical Support hotline at 1-800-541-4736. Table 1-1. EZ-Color Device Characteristics Part Number CY8CLED02 2 16 1 4 8 0 2 4 256 Bytes 4K No CY8CLED04 4 56 1 4 48 2 2 6 1K 16K Yes CY8CLED08 8 44 2 8 12 4 4 12 256 Bytes 16K No CY8CLED16 16 44 4 16 12 4 4 12 2K 32K No |
Similar Part No. - CY8CLED08_11 |
|
Similar Description - CY8CLED08_11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |