Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1645-12-51 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LXMG1645-12-51
Description  12V Quad 5W CCFL Inverter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1645-12-51 Datasheet(HTML) 5 Page - Microsemi Corporation

  LXMG1645-12-51 Datasheet HTML 1Page - Microsemi Corporation LXMG1645-12-51 Datasheet HTML 2Page - Microsemi Corporation LXMG1645-12-51 Datasheet HTML 3Page - Microsemi Corporation LXMG1645-12-51 Datasheet HTML 4Page - Microsemi Corporation LXMG1645-12-51 Datasheet HTML 5Page - Microsemi Corporation LXMG1645-12-51 Datasheet HTML 6Page - Microsemi Corporation LXMG1645-12-51 Datasheet HTML 7Page - Microsemi Corporation LXMG1645-12-51 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2010
Rev. 1.0, 2010-12-23
R
Ra
an
ng
ge
eM
Ma
ax
x
S
Stta
ay
yL
LIIT
T
LXMG1645-12-5x
12V Quad 5W CCFL Inverter Module
TM
®
ELECTRI CAL CHARACTERISTICS
Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of 0
°C
to 60
°C except where otherwise noted; V
IN = 12V, ENABLE > 2.1V, V _BRITE = 0V or 0Ω, P_BRITE = 100% or Open
Parameter
Symbol
Test Conditions / Comment
Min
Typ
Max
Units
FIL1~4c’
SET1 = Ground, SET2 = Open, One Lamp Short
6.3
6.8
7.3
mARMS
FIL1~4d’
SET1 = Ground, SET2 = Ground, One Lamp
Short
5.8
6.3
6.8
Min Lamp Current Of No-Fault
Side (Open)
IL1~4e
SET1 = Open, SET2 = Open, V_BRITE = 2.5V,
One Lamp Open
2.20
mARMS
IL1~4f
SET1 = Open, SET2 = Ground, V_BRITE = 2.5V,
One Lamp Open
2.05
IL1~4g
SET1 = Ground, SET2 = Open, V_BRITE = 2.5V,
One Lamp Open
1.90
IL1~4h
SET1 = Ground, SET2 = Ground, V_BRITE =
2.5V, One Lamp Open
1.70
Min Lamp Current Of No-Fault
Side (Short)
IL1~4e’
SET1 = Open, SET2 = Open, V_BRITE = 2.5V,
One Lamp Short
2.25
mARMS
IL1~4f’
SET1 = Open, SET2 = Ground, V_BRITE = 2.5V,
One Lamp Short
2.10
IL1~4g’
SET1 = Ground, SET2 = Open, V_BRITE = 2.5V,
One Lamp Short
1.95
IL1~4h’
SET1 = Ground, SET2 = Ground, V_BRITE =
2.5V, One Lamp Short
1.87
¹ ENABLE should be pull up from VIN using 68kΩ, with open collector or open drain
FUNCTIO N AL PIN DESCRIP T ION
CONN
PIN
DESCRIPTION
CN1 (Molex 053261-1071 or equivalent )
CN1-1, CN1-2
VIN
Main Input Power Supply 10.8V to13.2V
CN1-3, CN1-4
GND
Power Supply Return
CN1-5
ENABLE
ON/OFF Control. ON: Pull-Up 68kΩ from VIN and OC or OD or ≥ 2.1V, OFF: 0 ~ 0.8V
CN1-6
V_BRITE
Analog Brightness Control (0V to 2.5V), 0V = Full brightness, 2.5V = Min brightness
Resistor 0 ~ 50kΩ (Max ~ Min brightness), No Connection to P_BRITE to Use V_BRITE Option
CN1-7
P_BRITE
Low Frequency Burst PWM Dimming Input, Connection to P_BRITE Overrides V_BRITE Option
CN1-8
V_STATUS
Fault Status Output: Normal State: Low, Fail State : High Open Drain (Internally Pulled up with 47kΩ to
5V)
CN1-9
SET1
SET1 MSB Connecting This Pin to Ground Decreases the Output Current
CN1-10
SET2
SET2 LSB Connecting This Pin to Ground Decreases the Output Current
CN2, CN3, CN4, CN5
LXMG1645-12-51 (JST SM02(8.0)B-BHS-1-TB(LF)(SN) or Yeon Ho 20015WR-05A00 or equivalent)
LXMG1645-12-52 (JST SM02B-BHSS-1-TB(LF)(SN) or Yeon Ho 35001WR-02A00 or equivalent)
CN2-1 to CN5-1
LAMPHI
High Voltage Connection to High Side of Lamp. Connect to Lamp Terminal with Shortest Lead Length.
DO NOT
Connect to Ground.
CN2-2 to CN5-2
LAMPLO
Low Voltage Connection to Return Side of Lamp. Connect Lamp Terminal with Longer Lead Length.
DO NOT
Connect to Ground.


Similar Part No. - LXMG1645-12-51

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1645-24-53 MICROSEMI-LXMG1645-24-53 Datasheet
203Kb / 7P
   24V Quad 5W CCFL Inverter Module
More results

Similar Description - LXMG1645-12-51

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1645-24-53 MICROSEMI-LXMG1645-24-53 Datasheet
203Kb / 7P
   24V Quad 5W CCFL Inverter Module
LXMG1643-12-64 MICROSEMI-LXMG1643-12-64 Datasheet
196Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-63 MICROSEMI-LXM1643-12-63 Datasheet
180Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-61 MICROSEMI-LXM1643-12-61 Datasheet
224Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXMG1643-12-62 MICROSEMI-LXMG1643-12-62 Datasheet
192Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Micrel Semiconductor
LXM1643-12-62 MICREL-LXM1643-12-62 Datasheet
216Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Microsemi Corporation
LXMG1643-12-61 MICROSEMI-LXMG1643-12-61 Datasheet
187Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXMG1643-12-63 MICROSEMI-LXMG1643-12-63 Datasheet
193Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXMG1644-12-61 MICROSEMI-LXMG1644-12-61 Datasheet
186Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1644-12-61 MICROSEMI-LXM1644-12-61 Datasheet
199Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com