Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1617A-05-6x Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LXMG1617A-05-6x
Description  5V 6W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1617A-05-6x Datasheet(HTML) 5 Page - Microsemi Corporation

  LXMG1617A-05-6x Datasheet HTML 1Page - Microsemi Corporation LXMG1617A-05-6x Datasheet HTML 2Page - Microsemi Corporation LXMG1617A-05-6x Datasheet HTML 3Page - Microsemi Corporation LXMG1617A-05-6x Datasheet HTML 4Page - Microsemi Corporation LXMG1617A-05-6x Datasheet HTML 5Page - Microsemi Corporation LXMG1617A-05-6x Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2007
Rev. 1.1, 2010-02-26
PanelMatch™
LXMG1617A-05-6x
5V 6W CCFL Programmable Inverter Module
TM
®
TYPICAL APPLICA T ION
LXMG1617A-05-6x
5V
SET2
GND
VHI
VLO
BRITE
VIN
SLEEP
SET1
0V to
2.0V 500k
DAC or
Pot
CCFL
TUBE
NC
NC
Figure 1
– Brightness Control
(output current set to maximum)
P.W.
10µs to 500µS
BRITE
LXMG1617A-05-6x
0 < P.W. < 100% of period
PWM Signal
from System
Figure 1A
– PWM Brightness Control
LXMG1617A-05-6x
SET2
GND
VHI
VLO
SLEEP
SET1
CCFL
TUBE
BRITE
5V
VIN
L
L
5.0mARMS
L
H
6.0mARMS
H
L
7.0mARMS
H
H
8.0mARMS
L=GND; H=Open
Figure 2
– Max Output Current
(SET1 and SET2 Inputs)
The brightness control may be a voltage output DAC or other
voltage source, a digital pot or 500K manual pot. The inverter
contains an internal 215K pull-up to 3V to bias the pot, if
desired; add a resistor to set the lower threshold voltage above
the absolute minimum dim level capability. A PWM logic
level signal (figure 1A) may be used up to 5V; however the
inverter will reach maximum current at less than 100% duty
cycle. This can be calculated as approximately 2V divided by
the logic high voltage level; with 3.3V logic level this
corresponds to about 60% duty cycle for maximum lamp
current.
If you need to turn the inverter ON/OFF remotely, connect to
TTL logic signal to the
SLEEP input.
Connect VHI to high voltage wire from the lamp. Connect VLO
to the low voltage wire (wire with thinner insulation). Never
connect VLO to circuit ground as this will defeat lamp current
regulation.
If both lamp wires have heavy high voltage
insulation, connect the longest wire to VLO.
This wire is
typically white.
Use the SET1 and SET2 (see Figure 2) inputs to select the
desired maximum output current.
Using these two pins in
combination allows the inverter to match a wide variety of
panels from different manufacturers. Generally the best lamp
lifetime correlates with driving the CCFL at the manufacture’s
nominal current setting. However the SET1 and SET2 inputs
allow the user the flexibility to adjust the current to the
maximum
allowable
output
current
to
increase
panel
brightness at the expense of some reduced lamp life.
Although the SET pins are designed such that just leaving
them open or grounding them is all that is needed to set the
output current, they can also be actively set. Using an open
collector or open drain logic signal will allow you to reduce
the lamp current for situations where greater dim range is
required, as an example in nighttime situations.
In
conjunction with a light sensor or other timer the panel could
be set to higher brightness (maximum output current) for
daytime illumination and lower brightness (minimum or
typical output current) at nighttime. Since the dim ratio is a
factor of both the burst duty cycle and the peak output current,
using this technique the effective dim ratio can be increased
greater than the burst duty cycle alone. Conversely, the SET
inputs could be used to overdrive the lamp temporarily to
facilitate faster lamp warm up at initial lamp turn on.
Of
course any possible degradation on lamp life from such
practices is the user’s responsibility since not all lamps are
designed to be overdriven.
The inverter has a built in fault timeout function. If the output
is open (lamp disconnected or broken) or shorted the inverter
will attempt to strike the lamp up to about one second, after
which (without success) the inverter will shutdown, in this
mode the inverter will draw about 8mA from VIN. In order to
restart the inverter it is necessary to toggle the sleep input or
cycle the VIN input supply.


Similar Part No. - LXMG1617A-05-6x

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-05-6X MICROSEMI-LXMG1617A-05-6X Datasheet
176Kb / 6P
   5V 6W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1617A-05-6x

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1618-05-6X MICROSEMI-LXM1618-05-6X Datasheet
188Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1617A-05-6X MICROSEMI-LXMG1617A-05-6X Datasheet
176Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1617-05-6X MICROSEMI-LXMG1617-05-6X Datasheet
167Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1811-05-6XS MICROSEMI-LXMG1811-05-6XS Datasheet
235Kb / 7P
   5V 6W CCFL Programmable Inverter Module
LXMG1618A-05-6X MICROSEMI-LXMG1618A-05-6X Datasheet
183Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1811-05-6X MICROSEMI-LXMG1811-05-6X Datasheet
231Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXM1617-05-6X MICROSEMI-LXM1617-05-6X Datasheet
228Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1618-05-6X MICROSEMI-LXMG1618-05-6X Datasheet
169Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1623-05-6X MICROSEMI-LXMG1623-05-6X Datasheet
178Kb / 6P
   5V Dual 6W Programmable CCFL Inverter Module
LXMG1626-05-46_0710 MICROSEMI-LXMG1626-05-46_0710 Datasheet
201Kb / 6P
   5V Dual 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com