Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8384-XXCDD-TR Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8384-XXCDD-TR
Description  5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8384-XXCDD-TR Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8384-XXCDD-TR Datasheet HTML 1Page - Microsemi Corporation LX8384-XXCDD-TR Datasheet HTML 2Page - Microsemi Corporation LX8384-XXCDD-TR Datasheet HTML 3Page - Microsemi Corporation LX8384-XXCDD-TR Datasheet HTML 4Page - Microsemi Corporation LX8384-XXCDD-TR Datasheet HTML 5Page - Microsemi Corporation LX8384-XXCDD-TR Datasheet HTML 6Page - Microsemi Corporation LX8384-XXCDD-TR Datasheet HTML 7Page - Microsemi Corporation LX8384-XXCDD-TR Datasheet HTML 8Page - Microsemi Corporation LX8384-XXCDD-TR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2000
Rev. 2.1f, 2006-01-20
LX8384x-xx
5A Low Dropout Positive Regulators
PRODUCTION DATA SHEET
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature for the LX8384x-xxC with
0
°C
T
A 125°C and the LX8384-xxI with -25°C TA 125°C except where otherwise noted. Test conditions: VIN -VOUT = 3V;
IOUT = 5A. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient
temperature.
LX8384x-xx
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
LX8384-00 / 8384A-00 / 8384B-00 (ADJUSTABLE)
IOUT = 10mA, TA = 25°C
1.238
1.250
1.262
V
10mA < IOUT < 5A, 1.5V < (VIN -VOUT),
VIN < 10V, P < PMAX
1.225
1.250
1.270
V
IOUT = 10mA, TA = 25°C
1.240
1.250
1.260
V
Reference Voltage
LX8384/84A-00
(Note 4)
LX8384B-00
VREF
10mA < IOUT < 5A, 1.5V < (VIN -VOUT),
VIN < 10V, P < PMAX
1.238
1.250
1.262
V
1.3V < (VIN -VOUT), VIN < 7V, IOUT = 10mA
0.015
0.2
%
Line Regulation (Note 2)
Δ VREF
(VIN)
1.3V < (VIN -VOUT), VIN < 10V, IOUT = 10mA
0.035
0.3
%
Load Regulation (Note 2)
Δ VREF
(IOUT)
VOUT > VREF, VIN - VOUT = 3V,
10mA < IOUT < 5A
0.15
0.5
%
Thermal Regulation
ΔVOUT
(Pwr)
TA = 25°C, 20ms pulse
0.01
0.02
% / W
Ripple Rejection (Note 3)
VOUT = 5V, f= 120Hz, COUT = 100µF Tantalum,
VIN = 6.5V, CADJ = 10µF, IOUT = 5A
65
83
dB
Adjust Pin Current
IADJ
20
55
100
µA
Adjust Pin Current Change (Note 4)
ΔIADJ
10mA < IOUT < IOUT(MAX), 1.3V < (VIN -VOUT), VIN<10V
0.2
5
µA
ΔVREF = 1%, IOUT = 5A
1.2
1.5
V
Dropout Voltage
LX8384-00
LX8384A/84B-00
ΔV
ΔVREF = 1%, IOUT = 5A
1.1
1.3
V
Minimum Load Current
IOUT(MIN)
VIN < 10V
2
10
mA
(VIN - VOUT) < 7V
5
6
A
Maximum Output Current
IOUT(MAX)
(VIN - VOUT) < 10V
3
4
A
Long Term Stability (Note 3)
ΔVOUT(t)
TA = 125°C, 1000 hours
0.3
1
%
Temperature Stability (Note 3)
ΔVOUT(T)
0.25
%
RMS Output Noise (% of VOUT)
(Note 3)
ΔVOUT(RMS) TA = 25°C, 10Hz < f < 10kHz
0.003
%
LX8384-15 / 8384A-15 / 8384B-15 (1.5V FIXED)
VIN = 5V, IOUT = 0mA, TA = 25°C
1.485
1.50
1.515
V
4.75V < VIN < 10V, 0mA < IOUT < 5A, P < PMAX
1.470
1.50
1.530
V
VIN = 5V, IOUT = 0mA, TA = 25°C
1.488
1.50
1.512
V
Output Voltage
LX8384/84A-15
(Note 4)
LX8384B-15
VOUT
4.75V < VIN < 10V, 0A < IOUT < 5A, P < PMAX
1.485
1.50
1.515
V
4.75V < VIN < 7V
1
3
mV
Line Regulation (note 2)
ΔVOUT
(VIN)
4.75V < VIN < 10V
1
5
mV
Load Regulation (note 2)
ΔVOUT
(IOUT)
VIN = 5V, 0mA < IOUT < IOUT(MAX)
2.5
7
mV
Thermal Regulation
ΔVOUT
(Pwr)
TA = 25°C, 20ms pulse
0.01
0.02
% / W
Ripple Rejection (note 3)
COUT = 100µF (Tantalum), IOUT = 5A
60
83
dB
Quiescent Current
IQ
0mA < IOUT < IOUT(MAX), 4.75V < V < 10V
4
10
mA
ΔVOUT = 1%, IOUT < IOUT(MAX)
1.2
1.5
V
Dropout Voltage
LX8384-15
LX8384A/84B-15
ΔV
ΔVOUT = 1%, IOUT < IOUT(MAX)
1
1.3
V


Similar Part No. - LX8384-XXCDD-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384-XXCDD MICROSEMI-LX8384-XXCDD Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
More results

Similar Description - LX8384-XXCDD-TR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com