Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8384-XXCP-TR Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX8384-XXCP-TR
Description  5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8384-XXCP-TR Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX8384-XXCP-TR Datasheet HTML 3Page - Microsemi Corporation LX8384-XXCP-TR Datasheet HTML 4Page - Microsemi Corporation LX8384-XXCP-TR Datasheet HTML 5Page - Microsemi Corporation LX8384-XXCP-TR Datasheet HTML 6Page - Microsemi Corporation LX8384-XXCP-TR Datasheet HTML 7Page - Microsemi Corporation LX8384-XXCP-TR Datasheet HTML 8Page - Microsemi Corporation LX8384-XXCP-TR Datasheet HTML 9Page - Microsemi Corporation LX8384-XXCP-TR Datasheet HTML 10Page - Microsemi Corporation LX8384-XXCP-TR Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2000
Rev. 2.1f, 2006-01-20
LX8384x-xx
5A Low Dropout Positive Regulators
PRODUCTION DATA SHEET
TM
®
TY PICAL APPLICATIONS
10µF
LX8384x
R1
121
Ω 1%
R2
365
Ω 1%
IN
ADJ
OUT
FIGURE 4
- IMPROVING RIPPLE REJECTION
V
IN
V
OUT
C1
10µF*
150µF
+
+
* C1 improves ripple rejection.
X
C should be
R1 at ripple
frequency.
(Note A)
C1*
10µF
LX8384x
R1
121
Ω 1%
R2
1k
IN
ADJ
OUT
FIGURE 5
- 1.2V - 8V ADJUSTABLE REGULATOR
V
IN
V
OUT**
C2
100µF
+
+
* Needed if device is far from filter capacitors.
+
=
R1
R2
1
1.25V
*V
*
OUT
(Note A)
10µF
365
Ω
1%
LX8384x
100µF
1k
1k
121
Ω
1%
2N3904
IN
ADJ
OUT
FIGURE 6
- 5V REGULATOR WITH SHUTDOWN
TTL
Output
V
IN
5V
+
+
(Note A)
LX8384x
IN
ADJ
OUT
FIGURE 7
- FIXED 3.3V OUTPUT REGULATOR
V
IN
3.3V
10µF Tantalum or
100µF Aluminum
Min. 15µF Tantalum or
100µF Aluminum capacitor. May
be increased without limit. ESR
must be less than <400m
Ω.
No te A:
X)
DROPOUT(MA
OUT
IN(MIN)
V
)
V
(
V
Intended
+
=


Similar Part No. - LX8384-XXCP-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384-XXCP MICROSEMI-LX8384-XXCP Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
More results

Similar Description - LX8384-XXCP-TR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com