Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX13088ACLD-TR Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX13088ACLD-TR
Description  Dual 1A Step-Down Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX13088ACLD-TR Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX13088ACLD-TR Datasheet HTML 4Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 5Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 6Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 7Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 8Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 9Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 10Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 11Page - Microsemi Corporation LX13088ACLD-TR Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LX13088A
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2010
Rev. 1.0, 2010-09-23
Dual 1A Step-Down Converters
TM
®
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - LX13088ACLD-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
LX13088CLD MICROSEMI-LX13088CLD Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
LX13088CLD-TR MICROSEMI-LX13088CLD-TR Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
More results

Similar Description - LX13088ACLD-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Richtek Technology Corp...
RT8056 RICHTEK-RT8056 Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8012A RICHTEK-RT8012A Datasheet
276Kb / 14P
   Dual 1A/1.5A-1.2MHz Synchronous Step-Down Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
   1A, 40V, MAXPower Step-Down DC-DC Converters
2018
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
   1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
logo
Exar Corporation
XRP6668IDBTR-F EXAR-XRP6668IDBTR-F Datasheet
614Kb / 11P
   1A/1A Dual Channel 1.5MHz Sync. Step Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
   Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com