Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8384B-XXCDD Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX8384B-XXCDD
Description  5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8384B-XXCDD Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX8384B-XXCDD Datasheet HTML 3Page - Microsemi Corporation LX8384B-XXCDD Datasheet HTML 4Page - Microsemi Corporation LX8384B-XXCDD Datasheet HTML 5Page - Microsemi Corporation LX8384B-XXCDD Datasheet HTML 6Page - Microsemi Corporation LX8384B-XXCDD Datasheet HTML 7Page - Microsemi Corporation LX8384B-XXCDD Datasheet HTML 8Page - Microsemi Corporation LX8384B-XXCDD Datasheet HTML 9Page - Microsemi Corporation LX8384B-XXCDD Datasheet HTML 10Page - Microsemi Corporation LX8384B-XXCDD Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 10
Copyright
© 2000
Rev. 2.1f, 2006-01-20
LX8384x-xx
5A Low Dropout Positive Regulators
PRODUCTION DATA SHEET
TM
®
PACKAGE DIMENSIONS
DT
3-Pin Plastic TO-252
W
H
L
A1
E
b3
P
L4
D
C2
A
c
b
e
L3
L1
D1
Θ1
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
2.16
2.42
0.085
0.095
A1
0
0.13
0
0.005
b
0.63
0.89
0.025
0.035
b3
5.20
5.46
0.205
0.215
c
0.38
0.64
0.015
0.025
c2
0.68
0.94
0.027
0.037
D
5.97
6.23
0.235
0.245
D1
5.21
5.80
0.205
0.228
E
6.35
6.73
0.250
0.265
e
2.16
2.42
0.085
0.095
H
9.40
10.41
0.370
0.410
L
1.02
1.40
0.040
0.055
L1
2.44
2.74
0.096
0.108
L3
0.89
1.27
0.035
0.050
L4
0.51
1.02
0.020
0.040
P
4.19
4.67
0.165
0.184
W
1.00
1.70
0.039
0.067
Θ1
-
-


Similar Part No. - LX8384B-XXCDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384B-XXCDD MICROSEMI-LX8384B-XXCDD Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
More results

Similar Description - LX8384B-XXCDD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com