Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8221BIDU-TR Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX8221BIDU-TR
Description  Dual 150mA CMOS Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8221BIDU-TR Datasheet(HTML) 5 Page - Microsemi Corporation

  LX8221BIDU-TR Datasheet HTML 1Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 2Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 3Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 4Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 5Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 6Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 7Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 8Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 1.1a, 2006-01-19
LX8221
Dual 150mA CMOS Low Dropout Regulator
PRODUCTION DATA SHEET
TM
®
APPLICATIONS
be calculated using the following equation:
(
)
)
(
)
(
)
(
MAX
OUT
MIN
OUT
MAX
IN
D
I
V
V
P
×
=
(Note: power dissipation resulting from quiescent current
is negligible)
For the MSOP package, thermal resistance,
θJA is 206°C/W
when mounted on a FR4 copper clad PCB. Junction
temperature of the integrated circuit can be calculated
using:
RISE
A
J
T
T
T
+
=
Where:
()
JA
D
RISE
P
T
Θ
×
=
Example: Given the following conditions:
TA = 60°C
VIN= 4.2V
VOUT= 2.7V
IOUT= 100mA
calculate the total power dissipation and junction
temperature:
Total Power Dissipation:
(
)
W
15
.
0
A
1
.
0
V
7
.
2
V
2
.
4
P
D
=
×
=
Junction Temperature:
(
)
C
W
C
W
C
T
o
o
o
J
91
/
206
15
.
0
60
=
×
+
=
Layout Consideration:
The layout must be implemented with low impedance paths
for VIN, VOUT and Ground by creating sufficiently wide
traces to avoid voltage drops and pick up noise. Adding an
area of PCB copper to the GND pin (pin 8) will reduce the
overall
θJA since it is thermally connected to the device
substrate. This will lower the device junction temperature
improving overall output voltage accuracy. The input/output
capacitors must be placed as close as possible to each
voltage regulator output pin.


Similar Part No. - LX8221BIDU-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8221BIDU MICROSEMI-LX8221BIDU Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
More results

Similar Description - LX8221BIDU-TR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Power Analog Micoelectr...
PAM3102 PAM-PAM3102 Datasheet
301Kb / 11P
   Dual 150mA High PSRR Low-Dropout CMOS Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Leshan Radio Company
LR6155 LRC-LR6155 Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com