Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8384-XXCDT Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8384-XXCDT
Description  5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8384-XXCDT Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8384-XXCDT Datasheet HTML 1Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 2Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 3Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 4Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 5Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 6Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 7Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 8Page - Microsemi Corporation LX8384-XXCDT Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 2.1f, 2006-01-20
LX8384x-xx
5A Low Dropout Positive Regulators
PRODUCTION DATA SHEET
TM
®
DESCRIPTION
The LX8384/84A/84B Series ICs are
positive regulators designed to provide 5A
output current. These regulators yield
higher efficiency than currently available
devices with all internal circuitry designed
to operate down to a 1V input-to-output
differential. In each of these products, the
dropout voltage is fully specified as a
function of load current. Dropout is
guaranteed at a maximum of 1.3V (8384A)
and 1.5V (8384) at maximum output
current, decreasing at lower load currents.
In addition, on-chip trimming adjusts the
reference voltage tolerance to 1% maximum
at room temperature and 2% maximum over
the 0 to 125°C range for the LX8384A,
making this ideal for the Pentium P54C-
VRE specification. The LX8384B offers
0.8% tolerance at room temperature and
1.0% maximum over line, load and
temperature.
Fixed versions are also
available and specified in the Available
Options table below.
The LX8384/84A/84B Series devices are
pin-compatible
with
earlier
3-terminal
regulators, such as the 117 series products,
but they do require input and output
capacitors. A minimum 10µF capacitor is
required on the input and a 15µF or greater
on the output of these new devices for
stability. Although, these capacitors are
generally
included
in
most
regulator
designs.
The LX8384/84A/84B Series quiescent
current flows into the load, thereby
increasing efficiency. This feature contrasts
with PNP regulators where up to 10% of the
output current is wasted as quiescent
current. The LX8384-xxI is specified over
the industrial temperature range of -25°C to
125°C,
while
the
LX8384-xxC/84A-
xxC/84B-xxC
is
specified
over
the
commercial range of 0°C to 125°C.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
PRODUCT H I GHLIGHT
*1500µF
6MV1500GX
Sanyo
121
Ω
0.1%
218
Ω
0.1%
IN
ADJ
OUT
5V
3.5V
at 5A
1500µF
5x 6MV1500GX
Sanyo
+
+
* Capacitors must have < 20m
Ω
Total ESR for the VRE Specification
LX8384A
An Application of the LX8384A for the Pentium P54C Processors Meeting VRE Specification.
KEY FEATUR ES
Three-Terminal Adjustable Or
Fixed Output
Guaranteed < 1.3V Headroom a
5A (LX8384A)
Guaranteed 2.0% Max.
Reference Tolerance (LX8384A)
Guaranteed 1.0% Max.
Reference Tolerance (LX8384B)
0.015% Line Regulation
0.15% Load Regulation
APPLICATIONS
Pentium
® Processor VRE
Application
High Efficiency Linear
Regulators
Power Regulators For Switching
Power Supplies
Battery Chargers
Constant Current Regulators
Cyrix
® 6x86™
AMD-K5™
PART #
OUTPUT
VOLTAGE
LX8384/84A/84B-00
Adjustable
LX8384/84A/84B-15
1.5V
LX8384/84A/84B-33
3.3V
Table 1
- Available Options
PACKAGE ORDER INFO
DT
Plastic TO-252
(D-Pak) 3-Pin
P
Plastic TO-220
3-Pin
DD
Plastic TO-263
3-Pin
TA (°C)
Max Ref
Accuracy
Max Dropout
Voltage
RoHS Compliant
Transition DC: 0532
RoHS Compliant
Transition DC: 0543
RoHS Compliant
Transition DC: 0535
2.0%
1.5V
LX8384-xxCDT
LX8384-xxCP
LX8384-xxCDD
2.0%
1.3V
LX8384A-xxCDT
LX8384A-xxCP
LX8384A-xxCDD
0 to 125
1.0%
1.3V
LX8384B-xxCDT
LX8384B-xxCP
LX8384B-xxCDD
-25 to 125
2.0%
1.5V
LX8384-xxIDT
LX8384-xxIP
LX8384-xxIDD
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX8384-xxCP-TR)


Similar Part No. - LX8384-XXCDT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384-XXCDT MICROSEMI-LX8384-XXCDT Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
More results

Similar Description - LX8384-XXCDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com