Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8221DIDU Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX8221DIDU
Description  Dual 150mA CMOS Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8221DIDU Datasheet(HTML) 6 Page - Microsemi Corporation

  LX8221DIDU Datasheet HTML 1Page - Microsemi Corporation LX8221DIDU Datasheet HTML 2Page - Microsemi Corporation LX8221DIDU Datasheet HTML 3Page - Microsemi Corporation LX8221DIDU Datasheet HTML 4Page - Microsemi Corporation LX8221DIDU Datasheet HTML 5Page - Microsemi Corporation LX8221DIDU Datasheet HTML 6Page - Microsemi Corporation LX8221DIDU Datasheet HTML 7Page - Microsemi Corporation LX8221DIDU Datasheet HTML 8Page - Microsemi Corporation LX8221DIDU Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2000
Rev. 1.1a, 2006-01-19
LX8221
Dual 150mA CMOS Low Dropout Regulator
PRODUCTION DATA SHEET
TM
®
APPLICATION CIRCUITS
R2
R1
5.0V
3.3V
3.0V
2.7V
Resistor Table
R1 = 13.0k
Ω
R2 = 10.0k
Ω
EN1
EN2
VOUT1
VOUT2
GND
ADJ
CB1
VIN1
VIN2
N/C
Figure 1 – Fixed / Adjustable Output Application
R2
R1
5.0V
3.3V
2.7V
2.5V
Resistor Table
VOUT1
R1 = 13.0k
Ω
R2 = 10.0k
Ω
VOUT2
R1 = 11.3k
Ω
R2 = 10.0k
Ω
R1
R2
EN1
EN2
VOUT1
VOUT2
GND
ADJ
CB1
VIN1
VIN2
N/C
Figure 2 – Adjustable / Adjustable Output Application


Similar Part No. - LX8221DIDU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8221DIDU MICROSEMI-LX8221DIDU Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
More results

Similar Description - LX8221DIDU

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Power Analog Micoelectr...
PAM3102 PAM-PAM3102 Datasheet
301Kb / 11P
   Dual 150mA High PSRR Low-Dropout CMOS Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Leshan Radio Company
LR6155 LRC-LR6155 Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com