Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8221BIDU Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8221BIDU
Description  Dual 150mA CMOS Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8221BIDU Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8221BIDU Datasheet HTML 1Page - Microsemi Corporation LX8221BIDU Datasheet HTML 2Page - Microsemi Corporation LX8221BIDU Datasheet HTML 3Page - Microsemi Corporation LX8221BIDU Datasheet HTML 4Page - Microsemi Corporation LX8221BIDU Datasheet HTML 5Page - Microsemi Corporation LX8221BIDU Datasheet HTML 6Page - Microsemi Corporation LX8221BIDU Datasheet HTML 7Page - Microsemi Corporation LX8221BIDU Datasheet HTML 8Page - Microsemi Corporation LX8221BIDU Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 1.1a, 2006-01-19
LX8221
Dual 150mA CMOS Low Dropout Regulator
PRODUCTION DATA SHEET
TM
®
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN1, VIN2).......................................................................... -0.3V to +7V
Output Current (IOUT1, IOUT2)................................................................................. 150mA
Operating Temperature Range .....................................................................-40 to +125
°C
Maximum Junction Temperature (TJ) ...................................................................... 150 °C
Storage Temperature (TJ) .............................................................................-65 to +150 °C
Peak Package Solder Reflow Temp. (40 second max. exposure)................. 260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
PACKAGE PIN OUT
1
2
4
3
7
8
10
9
56
VIN1
EN1
GND
ADJ
VOUT2
VOUT1
CB1
NC
EN2
VIN2
DU PACKAGE
(Top View)
“NC” = No Internal Connection
RoHS / Pb-free 100% Matte Tin Lead Finish
TH ERMAL DATA
DU
Plastic MSOP 8-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
206
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJC).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
FRONT MARKING
8221
xIDU
LX
x = Voltage Combination
i.e. A = Adj/Adj
FUNCTIONAL PIN DESCRIPTION
PIN NAME
DESCRIPTION
VIN1/VIN2
Unregulated input supply voltage
GND
Ground Pin
EN1/EN2
Enable control input: Logic high = Enable; logic low or open = Shutdown
CB1
Reference bypass input. Adding an additional external capacitor reduces output noise.
VOUT1/VOUT2
Regulated output voltage. Regulator stability is achieved with external capacitor of 1µF
ADJ (1, 2)
Adjust pin. Connect a resistor divider to this pin to establish preferred output voltage.
B L O C K DI A G RAM
VOUT1
CB1
GND
+
-
CONTROL
LOGIC
THERMAL
SENSOR
CURRENT
LIMIT
VREF
VIN1
EN1
+
-
CONTROL
LOGIC
THERMAL
SENSOR
CURRENT
LIMIT
VREF
VIN2
EN2
ADJ
VOUT2


Similar Part No. - LX8221BIDU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8221BIDU MICROSEMI-LX8221BIDU Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
More results

Similar Description - LX8221BIDU

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Power Analog Micoelectr...
PAM3102 PAM-PAM3102 Datasheet
301Kb / 11P
   Dual 150mA High PSRR Low-Dropout CMOS Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Leshan Radio Company
LR6155 LRC-LR6155 Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com