Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX6431CLP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX6431CLP
Description  PRECISION PROGRAMMABLE REFERENCES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6431CLP Datasheet(HTML) 1 Page - Microsemi Corporation

  LX6431CLP Datasheet HTML 1Page - Microsemi Corporation LX6431CLP Datasheet HTML 2Page - Microsemi Corporation LX6431CLP Datasheet HTML 3Page - Microsemi Corporation LX6431CLP Datasheet HTML 4Page - Microsemi Corporation LX6431CLP Datasheet HTML 5Page - Microsemi Corporation LX6431CLP Datasheet HTML 6Page - Microsemi Corporation LX6431CLP Datasheet HTML 7Page - Microsemi Corporation LX6431CLP Datasheet HTML 8Page - Microsemi Corporation LX6431CLP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
P RODU C T ION D AT A S HEET
T HE
I NFI N ITE
P O W ER
OF
I N NOVATIO N
L IN F IN IT Y M IC ROEL E C TRON IC S I NC .
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
1
Copyright
© 1999
Rev. 1.4a,2005-04-04
LX6431 / 6431A / 6431B
P RECI SION P RO GRAMM A B L E R EFE R ENCE S
DESCRI PTI O N
The LX6431 series precision adjustable three
terminal shunt voltage regulators are pin-to-pin
compatible with the industry standard TL431, but
with significant improvements.
The LX6431
design has eliminated regions of instability
common to older generation shunt regulator
products like the TL431. Designs are made simpler
by eliminating the task of insuring capacitive loads,
and output voltage and cathode currents don’t
combine for unstable operation.
The capacitor
value is chose simply to give the best load transient
response without the possibility of instability. A
lower reference input current allows the use of
higher value reference divider resistors, reducing
the current drain from batteries in portable
equipment as well as reducing the voltage
programming errors due to the impedance of the
divider network (See product Highlight)
In addition, the LX6431B has an improved
initial accuracy of 0.4%, and the output voltage is
programmable by using two external resistors
from 2.5V to 36V.
These devices offer low output impedance for
improved load regulation.
The typical output
impedance of these devices is 100mΩ.
The
reduced reference input bias current and minimum
operating currents make these devices suitable for
portable and micro power applications.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Unconditionally Stable for All
Cathode To Anode Capacitance
Values
Reduced Reference Input
Current Allowing The Use of
Higher Value Divider Resistors
(0.5µA)
Initial Voltage Reference
Accuracy of 0.4% (LX6431B)
Sink Current Capability 0.6mA to
100mA
Typical Output Dynamic
Impedance Less Than 100mΩ
Adjustable Output Voltage From
2.5V to 36V
PRODUCT H I GHLIGHT
Output Voltage Error Due to IREF
PACKAGE ORDER INFO
PK
Plastic TO-89
3-Pin
DM
Plastic SOIC
8-Pin
LP
Plastic TO-92
3-Pin
TA (
°C)
Initial
Tolerance RoHS Compliant / Pb-free
Transition D/C: 0518
RoHS Compliant / Pb-free
Transition D/C: 0440
RoHS Compliant / Pb-free
Transition D/C: 0509
2%
LX6431CPK
LX6431CDM
LX6431CLP
1%
LX6431ACPK
LX6431ACDM
LX6431ACLP
0 to 70
0.4%
LX6431BCPK
LX6431BCDM
LX6431BCLP
2%
LX6431IPK
LX6431IDM
LX6431ILP
1%
LX6431AIPK
LX6431AIDM
LX6431AILP
-40 to 85
0.4%
LX6431BIPK
LX6431BIDM
LX6431BILP
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX6431CDM-TR)


Similar Part No. - LX6431CLP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6431CLP MICROSEMI-LX6431CLP Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
More results

Similar Description - LX6431CLP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com