Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX5510 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX5510
Description  InGaP HBT 2.4 ??2.5 GHz Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5510 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX5510_05 Datasheet HTML 1Page - Microsemi Corporation LX5510_05 Datasheet HTML 2Page - Microsemi Corporation LX5510_05 Datasheet HTML 3Page - Microsemi Corporation LX5510_05 Datasheet HTML 4Page - Microsemi Corporation LX5510_05 Datasheet HTML 5Page - Microsemi Corporation LX5510_05 Datasheet HTML 6Page - Microsemi Corporation LX5510_05 Datasheet HTML 7Page - Microsemi Corporation LX5510_05 Datasheet HTML 8Page - Microsemi Corporation LX5510_05 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LX5510
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 1.0d 2005-08-18
InGaP HBT 2.4 – 2.5 GHz Power Amplifier
TM
®
5V POW E R SW EEP
5V EVM DATA WITH 54MB/S
Figure 7 –
Power Sweep
(Vc = 5V, Vref = 2.85V, Icq = 80mA, frequency=2.45 GHz, P1dB=29 dBm)
0
1
2
3
4
5
6
0
2
4
6
8
10
121416
1820
2224
Output Power /[dBm]
2.4 GHz
2.45 GHz
2.5 GHz
Figure 8 –
EVM Data with 54Mb/s 64QAM OFDM
(Vc = 5V, Vref = 2.85V, Icq =80mA,)
5V ACP DATA WITH 54MB/S
5V S PECTRUM WITH 25DMB
-60
-57.5
-55
-52.5
-50
-47.5
-45
0
2
4
6
8
10121416
182022
24
Output Power /[dBm]
2.4 GHz
2.45 GHz
2.5 GHZ
Figure 9 –
ACP Data with 54Mb/s 64 QAM OFDM
(Vc = 5V, Vref = 2.85V, Icq = 80mA)
Figure 10 –
Spectrum with 25dBm 11Mb/s CCK
(Vc = 5V, Vref = 2.85V, Icq = 80mA, Ic = 214mA, Frequency = 2.45GHz)


Similar Part No. - LX5510_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5510-LQ MICROSEMI-LX5510-LQ Datasheet
626Kb / 7P
   InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510BLQ MICROSEMI-LX5510BLQ Datasheet
232Kb / 8P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
More results

Similar Description - LX5510_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
   InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E Datasheet
230Kb / 10P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512B MICROSEMI-LX5512B Datasheet
178Kb / 6P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5518 MICROSEMI-LX5518 Datasheet
114Kb / 2P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5516 MICROSEMI-LX5516 Datasheet
118Kb / 3P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier Module
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com