Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX5255CPW Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX5255CPW
Description  9-Line LVD SCSI Terminator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5255CPW Datasheet(HTML) 6 Page - Microsemi Corporation

  LX5255CPW Datasheet HTML 1Page - Microsemi Corporation LX5255CPW Datasheet HTML 2Page - Microsemi Corporation LX5255CPW Datasheet HTML 3Page - Microsemi Corporation LX5255CPW Datasheet HTML 4Page - Microsemi Corporation LX5255CPW Datasheet HTML 5Page - Microsemi Corporation LX5255CPW Datasheet HTML 6Page - Microsemi Corporation LX5255CPW Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2000
Rev. 1.1, 2006-02-27
LX5255
9-Line LVD SCSI Terminator
PRODUCTION DATA SHEET
TM
®
MECHANICAL DRA WINGS
PW
24-Pin Thin Small Shrink Outline (TSSOP)
C
1
2
3
P
D
E
F
A
G
H
L
B
M
SEATING PLANE
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.85
0.95
0.033
0.037
B
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
7.70
7.90
0.303
0.311
E
4.30
4.50
0.169
0.177
F
0.65 BSC
0.025 BSC
G
0.05
0.15
0.002
0.005
H
1.10
.0433
L
0.50
0.75
0.020
0.030
M
P
6.25
6.55
0.246
0.256
*LC
0.10
0.004
* Lead Coplanarity
Note:
1. Dimensions do not include mold flash or protrusions; these shall not exceed 0.155mm(.006”) on any side. Lead dimension shall not include
solder coverage.


Similar Part No. - LX5255CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5255CPW MICROSEMI-LX5255CPW Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
More results

Similar Description - LX5255CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
logo
Texas Instruments
UCC5680 TI1-UCC5680_15 Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Texas Instruments
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5640 TI-UCC5640 Datasheet
171Kb / 10P
[Old version datasheet]   Low Voltage Differential LVD SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com