Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1995-1CSG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1995-1CSG
Description  Miniature LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1995-1CSG Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1995-1CSG Datasheet HTML 1Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 2Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 3Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 4Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 5Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 6Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 7Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 8Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LX1995
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Miniature LED Driver
Copyright
© 2000
Rev. 1.1, 2005-07-07
TM
®
DESCRI PTI O N
The Microsemi LX1995-x is a
miniature LED driver with integrated
drivers. It is designed to drive white
or color LEDs in portable display
applications.
The LX1995-x is an
adjustable step-up boost converter.
The LX1995-x can switch up to 2MHz
allowing designers to use a low cost,
small inductor and filter capacitor.
The driver supports a wide input
voltage range (1.6V to 5.5V) with
efficiency greater than 85% and can
start up at 1.6V input. The LX1995-x
is a low cost, high efficiency LED
driver.
The design is based on a
pseudo-hysteretic
pulse
frequency
modulation topology.
In portable
battery applications the LX1995-x
offers high system efficiency with low
quiescent current: in operation IQ is <
70µA and in standby IQ is < 1µA.
The LX1995-x output current is
programmable using an external current
sense resistor in series with LEDs. This
configuration provides a feedback to the
FB pin which maintains constant output
current independent of input voltage
and LED forward voltage (VF). LED
dimming is accomplished using a PWM
signal or varying DC voltage methods.
The LX1995-x is available in the 5-
Pin TSOT and SOT-23 package. The
LX1995-1 can drive up to 6 LEDs
(switching current is 325mA).
The
LX1995-2 can drive up to 10 LEDs
(switching current is 500mA).
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
< 1µA Shutdown Current
> 85% Maximum Efficiency
Efficient at Low Current Levels
< 70µA Quiescent Supply
Current in Operating Mode
VIN Range 1.6V to 5.5V
Logic Controlled Shutdown
Dimming Options: PWM or
Varying DC Voltage
Tiny 5-Pin TSOT Package
Smallest External Components
APPLI C ATION S
Pagers
Wireless Phones
PDAs
LED Driver
Digital Camera Displays
GPS Receivers
PRODUCT H I GHLIGHT
LX1995
ON OFF
V
BAT = 2.0V to 5.0V
IN
SHDN
GND
FB
SW
PACKAGE ORDER I N FO
SG
Plastic TSOT
5-Pin
SE
Plastic SOT-23
5-Pin
TA (
°C)
Switch
Current
RoHS Compliant / Pb-free
RoHS Compliant / Pb-free Transition DC: 0503
-40 to 85
325mA
LX1995-1CSG
LX1995-1CSE
-40 to 85
500mA
LX1995-2CSG
LX1995-2CSE
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX1995-1CSG-TR)


Similar Part No. - LX1995-1CSG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1995-1CSG MICROSEMI-LX1995-1CSG Datasheet
190Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
More results

Similar Description - LX1995-1CSG

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LX1995 ZHAOXINGWEI-LX1995 Datasheet
326Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
logo
Microsemi Corporation
LX1995 MICROSEMI-LX1995 Datasheet
190Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
logo
Hamamatsu Corporation
L5766 HAMAMATSU-L5766 Datasheet
127Kb / 2P
   Miniature LED
L5766 HAMAMATSU-L5766_15 Datasheet
106Kb / 2P
   Miniature LED
logo
LEDTRONICS, INC
FF120-0UR-005P LEDTRONICS-FF120-0UR-005P Datasheet
2Mb / 28P
   Miniature Based LED Lamps
logo
OPTEK Technologies
OPR5200 OPTEK-OPR5200 Datasheet
121Kb / 1P
   MINIATURE SURFACE MOUNT LED
logo
Nihon Kaiheiki Industry...
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com