Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1994CLD Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1994CLD
Description  High Efficiency LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1994CLD Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1994CLD Datasheet HTML 2Page - Microsemi Corporation LX1994CLD Datasheet HTML 3Page - Microsemi Corporation LX1994CLD Datasheet HTML 4Page - Microsemi Corporation LX1994CLD Datasheet HTML 5Page - Microsemi Corporation LX1994CLD Datasheet HTML 6Page - Microsemi Corporation LX1994CLD Datasheet HTML 7Page - Microsemi Corporation LX1994CLD Datasheet HTML 8Page - Microsemi Corporation LX1994CLD Datasheet HTML 9Page - Microsemi Corporation LX1994CLD Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LX1994
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
High Efficiency LED Driver
Copyright
© 2003
Rev. 1.0d, 2006-02-09
TM
®
TH EORY OF O PERATION (CONTINUED)
Dimming Modes
Microsemi’s LX1994 provides two dimming options:
PWM or DC voltage input.
PWM dimming
A PWM signal applied to S/P pin (see figure 4).
This
PWM signal is scaled to the reference such that a N% duty
cycle PWM signal will produce an LED current of
()
{
}
N% • 10μA+ILS • RBRT
RFB
If a light sensor (such as Microsemi’s LX1970) is used, the
light sensor current is applied to the LS pin and adds to the
10µA internal current source; in this case the internal
current source determines the adjustment range in a pitch
black ambient. The PWM signal will scale the light sensor
signal allowing the dimming range to increase as the
ambient light increases.
DC dimming mode
In “DC dimming mode” (see figure 5) the BRT pin input
voltage can be applied directly to BRT pin with the S/P pin
pulled high or developed indirectly by applying a PWM
signal to the S/P pin and using a scaling resistor and filter
capacitor at the BRT pin.
The internal current source
produces a 10µA reference current that is scaled by the
resistance applied to the BRT pin.
Protection and IC Shutdown
OVP: The LX1994 provides OVP protections.
If the
voltage at the OVP pin exceeds the internal reference
voltage (1.2V), the converter will suspend switching. The
converter will attempt to regulate the OVP pin to its
nominal 1.2V.
IC Shutdown: To force the IC into shutdown mode, the
S/P pin must pull low for a duration longer 100µs. In
shutdown mode, the switch is off and the LED string
current typically reduces to a few nano amps of leakage
current.


Similar Part No. - LX1994CLD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994CLD MICROSEMI-LX1994CLD Datasheet
306Kb / 13P
   High Efficiency LED Driver
More results

Similar Description - LX1994CLD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com