Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1973AIDU Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1973AIDU
Description  Automotive Light Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1973AIDU Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1973AIDU Datasheet HTML 1Page - Microsemi Corporation LX1973AIDU Datasheet HTML 2Page - Microsemi Corporation LX1973AIDU Datasheet HTML 3Page - Microsemi Corporation LX1973AIDU Datasheet HTML 4Page - Microsemi Corporation LX1973AIDU Datasheet HTML 5Page - Microsemi Corporation LX1973AIDU Datasheet HTML 6Page - Microsemi Corporation LX1973AIDU Datasheet HTML 7Page - Microsemi Corporation LX1973AIDU Datasheet HTML 8Page - Microsemi Corporation LX1973AIDU Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LX1973A
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Automotive Light Sensor
TM
®
Copyright
© 2005
Rev. 1.2, 2009-05-26
ELECTRI CAL CHARACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature -40
°C
T
A 85°C except where
otherwise noted and the following test conditions: See Note 1, VDD =5V.
LX1973A
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operational Voltage
VDD
4.5
5.5
V
Supply Current
IDD
EV = 1.0 lux
0.2
0.25
mA
Power Supply Rejection Ratio
PSRR
VRIPPLE = 100mVP-P, f = 10kHz; COUT = 0.1µF
30
35
dB
Peak Spectral Response
λPR
580
nm
Infrared Response
)
(
I
)
(
I
PR
DD
DD
λ
λ
EV(white) = 100 lux, EV(810nm) = 14.6µW/cm
2,
Note 3
-5
1
5
%
Light to Current Gain
GL
See application section for equation
Saturation Current
ISAT
570
µA
Radiant Sensitive Area
0.20
mm
2
Flat Top Package (note 5)
Output Current
IOUT(0.01)
EV = 0.01 lux @ 25°C, Note 1,2
32
36
40
µA
Output Current
IOUT(1.0)
EV = 1.0 lux, Note 1,2
103
114
125
µA
Output Current
IOUT(10)
EV = 10 lux, Note 1,2
183
203
223
Output Current
IOUT(100)
EV = 100 lux, Note 1,2
320
360
400
µA
EV = 0 lux, TA = 20°C, Note 4
450
900
Dark Current (equivalent lux)
IOUT (DARK)
EV = 0 lux, TA = 50°C, Note 4
2100
5000
µLux
1.0 lux to 0.01 lux
1.5
3
sec
Dynamic Response Time
(to 10% settling error point)
TDR
0.01 lux to 1.0 lux
0.2
0.5
sec
Reverse Form Package (note 6)
Output Current
IOUT(0.01)
EV = 0.01 lux @ 25°C, Note 1,2
32
36
40
µA
Output Current
IOUT(1.0)
EV = 1.0 lux, Note 1,2
105
117
128
µA
Output Current
IOUT(10)
EV = 10 lux, Note 1,2,
187
208
229
Output Current
IOUT(100)
EV = 100 lux, Note 1,2
333
370
407
µA
EV = 0 lux, TA = 20°C, Note 4
450
900
µLux
Dark Current (equivalent lux)
IOUT (DARK)
EV = 0 lux, TA = 50°C, Note 4
2100
5000
1.0 lux to 0.01 lux
1.5
3
sec
Dynamic Response Time
(to 10% settling error point)
TDR
0.01 lux to 1.0 lux
0.2
0.5
sec
Notes:
1. The input irradiance is supplied from a point source which is a white light emitting diode (LED); Fairchild Semiconductor part number
MV8W00.
2. See Figure 2.
3. See Figure 3.
4. Dark Current equivalent lux at 0 lux:
)
10
146
(
9
4
×
÷
=
REF
OUT
I
I
EL
5. For Flat Top (DU Package), IREF = 5824µA.
6. For Reverse Form (DR Package): IREF = 5985µA


Similar Part No. - LX1973AIDU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1973AIDU MICROSEMI-LX1973AIDU Datasheet
291Kb / 10P
   Automotive Light Sensor
More results

Similar Description - LX1973AIDU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1973 MICROSEMI-LX1973 Datasheet
293Kb / 7P
   Automotive Light Sensor
LX1973A MICROSEMI-LX1973A Datasheet
291Kb / 10P
   Automotive Light Sensor
LX1973B MICROSEMI-LX1973B Datasheet
249Kb / 8P
   Automotive Light Sensor TM
LX1970 MICROSEMI-LX1970_08 Datasheet
440Kb / 10P
   Visible Light Sensor
logo
Everlight Electronics C...
ALS-PDIC243-3B EVERLIGHT-ALS-PDIC243-3B Datasheet
209Kb / 8P
   Ambient Light Sensor
logo
KODENSHI_AUK CORP.
KVS-2023 KODENSHI-KVS-2023 Datasheet
134Kb / 2P
   Visible Light Sensor
logo
New Japan Radio
NJL7502L NJRC-NJL7502L Datasheet
248Kb / 7P
   Ambient Light Sensor
logo
California Eastern Labs
PH5553A2NA1 CEL-PH5553A2NA1 Datasheet
663Kb / 13P
   Ambient Light Sensor
logo
Microsemi Corporation
LX1970 MICROSEMI-LX1970 Datasheet
438Kb / 10P
   Visible Light Sensor
logo
Everlight Electronics C...
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C_15 Datasheet
304Kb / 13P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com