Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1977 Datasheet(PDF) 15 Page - Microsemi Corporation

Part # LX1977
Description  SMBus Ambient Light Sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1977 Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button LX1977 Datasheet HTML 11Page - Microsemi Corporation LX1977 Datasheet HTML 12Page - Microsemi Corporation LX1977 Datasheet HTML 13Page - Microsemi Corporation LX1977 Datasheet HTML 14Page - Microsemi Corporation LX1977 Datasheet HTML 15Page - Microsemi Corporation LX1977 Datasheet HTML 16Page - Microsemi Corporation LX1977 Datasheet HTML 17Page - Microsemi Corporation LX1977 Datasheet HTML 18Page - Microsemi Corporation LX1977 Datasheet HTML 19Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
LX1977
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 15
SMBus Ambient Light Sensor
TM
®
Copyright
© 2010
Rev. 1.0, 2010-03-25
= 111, generate interrupt if ADC result out of range for 15 consecutive TINT time
Note:
(1) When INT_FLAG of register 00h is cleared via SMBus command after an interrupt
response, the internal counter for INT_PERSIST_CTRL will be reset to 0.
(2) For out-of-range conditions in the same direction, the persistence counter increments. If
within the programmed TINT time period, anytime an ADC conversion completes and the
result is no longer out-of-range, the count starts over. If the output result is between the
thresholds (in-range), then counter resets to ‘0’. If the value goes out of range in the other
direction, the counter starts over at ‘1’.
(3) Note that once the interrupt is triggered and the INT pin is asserted low, the INT pin will
stay low until INT_FLAG bit is set to zero or INT_ENA is set to 0.
(4) Generating an interrupt for x consecutive TINT integration time only applies to continuous
conversion mode.
Register 01h and Write / Read Byte Protocols application:
For programming register 01h, a Write Byte protocol should be used.
When using Write Byte / Word protocol to send command / data to registers (including register 00h), bit 7 in
command code field should be set to 0 to indicate this byte is for the register address. Other bits (bit 6, 5 & 4) except for
the Register Address bits (bit 3, 2, 1 & 0) need to be set to zero also. The detailed Write Byte / Read Byte protocols are
shown below.
Note: Register 01h should be set prior to register 00h in order to get meaningful ALS read out.
Table 25: Write Byte Protocol:
1
7
1
1
Bit 7
Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
1
8
1
S
Slave Address
Wr
A
CMD_FLAG
0
0
0
0
0
0
1
A
Data Byte
A
P
0
0
01h
Register 01h could be read back by the host by using a Read Byte protocol. When LX1977 receives a Read Byte
protocol, it will put register 01h data into the Data Byte field and send the data back to the host. Please see Table 11 &
Table 19 for details.
Table 26: Read Byte Protocol:
1
7
1
1
Bit 7
Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
1
1
7
1
1
8
1
S
Slave Address Wr
A
CMD_FLAG
0
0
0
0
0
0
1
A
S
Slave Address
Rd
A
Data Byte
A
P
0
0
01h
1
1
Examples of setting register 01h by using Write Byte Protocol
Write Byte protocol is shown below (only the Data Byte is in detail, please refer to Table 26).
Table 27: Write Byte Protocol:
1
7
1
1
1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
1
S
Slave Address
Wr
A
Command Code
A
A
P
0
0
0
0
1
0
1
0
1
The above example will write data byte 15h into register 01h to set the following configurations:


Similar Part No. - LX1977

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1970 MICROSEMI-LX1970 Datasheet
438Kb / 10P
   Visible Light Sensor
LX1970 MICROSEMI-LX1970 Datasheet
440Kb / 10P
   Visible Light Sensor
LX1970IDU MICROSEMI-LX1970IDU Datasheet
438Kb / 10P
   Visible Light Sensor
LX1970IDU MICROSEMI-LX1970IDU Datasheet
440Kb / 10P
   Visible Light Sensor
LX1970IDU-TR MICROSEMI-LX1970IDU-TR Datasheet
440Kb / 10P
   Visible Light Sensor
More results

Similar Description - LX1977

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL2550 TAOS-TSL2550 Datasheet
272Kb / 20P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
List of Unclassifed Man...
TSL2550 ETC-TSL2550 Datasheet
147Kb / 14P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
ams AG
TSL2550 AMSCO-TSL2550 Datasheet
703Kb / 21P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9303 AVAGO-APDS-9303 Datasheet
771Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
logo
Broadcom Corporation.
APDS-9303 BOARDCOM-APDS-9303 Datasheet
771Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com