Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1882-00CDU Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1882-00CDU
Description  Charge Pump Doubler with Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1882-00CDU Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1882-00CDU Datasheet HTML 3Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 4Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 5Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 6Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 7Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 8Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 9Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 10Page - Microsemi Corporation LX1882-00CDU Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2000
Rev. 1.0e, 2005-03-03
LX1882
Charge Pump Doubler with Linear Regulator
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
APPLICATION IN FORMATION (CONTINUED )
POWER-ON RESET
The LX1882 contains power-on reset circuitry that insures all
internal functions are correctly initialized upon power-up. Once
the input voltage reaches approximately 1V, the power-on reset
circuit enables the device as long as the SHDN pin is held high.
SHUTDOWN
The SHDN pin allows the LX1882 to be enabled or disabled.
A logic zero (0.4V) on the SHDN pin places the LX1882 in
shutdown mode, reducing the supply current to < 5uA and
connecting VOUT to ground through a 100Ω switch. In addition,
CPO will be high impedance and disconnected from VIN. If the
shutdown feature is not required, connect SHDN to VIN to
continuously enable the part.
Current Limit Protection
The LX1882 includes over current protection. When the output
load current exceeds typically 60mA, the circuit forces the
regulator output to decrease.
Temperature Protection
The thermal protection shuts the LX1882 down when the
junction temperature exceeds 1400C. Exposure to absolute
maximum rated conditions for extended periods may affect
device reliability (see Thermal Considerations below).
THERMAL CONSIDERATIONS
Thermal shutdown protects the circuit from thermal overload
caused from a rise in junction temperature during power
dissipation. This means of protection is intended for fault
protection only and not as a means from current or power
limiting during normal application usage. Proper thermal
evaluation should be done to ensure that the junction temperature
does not exceed its maximum rating (125°C). Due to variation in
individual device electrical characteristics and thermal resistance,
the built in thermal overload protection may be activated at
power levels slightly above or below the rated dissipation.


Similar Part No. - LX1882-00CDU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1882-00CDU MICROSEMI-LX1882-00CDU Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
More results

Similar Description - LX1882-00CDU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1682 LINER-LTC1682_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
logo
New Japan Radio
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
   Doubler Charge Pump IC
logo
Linear Technology
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682 Datasheet
186Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC3035 LINER-LTC3035 Datasheet
218Kb / 12P
   300mA VLDO Linear Regulator with Charge Pump Bias Generator
logo
Semtech Corporation
SC1462A SEMTECH-SC1462A Datasheet
182Kb / 9P
   High Efficency Charge Pump Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com