Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1741CDU-TR Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1741CDU-TR
Description  High Efficiency High Voltage Boost Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1741CDU-TR Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1741CDU-TR Datasheet HTML 1Page - Microsemi Corporation LX1741CDU-TR Datasheet HTML 2Page - Microsemi Corporation LX1741CDU-TR Datasheet HTML 3Page - Microsemi Corporation LX1741CDU-TR Datasheet HTML 4Page - Microsemi Corporation LX1741CDU-TR Datasheet HTML 5Page - Microsemi Corporation LX1741CDU-TR Datasheet HTML 6Page - Microsemi Corporation LX1741CDU-TR Datasheet HTML 7Page - Microsemi Corporation LX1741CDU-TR Datasheet HTML 8Page - Microsemi Corporation LX1741CDU-TR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2000
Rev. 1.1b, 2005-03-03
LX1741
High Efficiency High Voltage Boost Controller
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
ELECTRI CAL CHA RACTERI S TI CS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0°C
TA 70°C except where
otherwise noted and the following test conditions: VIN = 3V, VOUT = 18.5V, VADJ = 0V, RLOAD = 9.25kΩ, SHDN = VIN
LX1741
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Voltage
VIN
1.6
6.0
V
Minimum Start-up Voltage
VSU
TA = +25°C
1.6
V
Start-up Voltage Temperature
Coefficient
kVST
-2
mV/°C
VFB = 1.5V
80
100
µA
Quiescent Current
IQ
VSHDN < 0.4V
0.2
0.5
µA
FB Threshold Voltage
VFB
VADJ = GND
1.264
1.290
1.316
V
FB Input Bias Current
IFB
VFB = 1.4V
-200
200
nA
ADJ Input Voltage Range
1
VADJ
0
VIN
100mV
V
ADJ Input Bias Current
IADJ
VADJ = VFB = 1.29V
0.3
1.0
µA
SRC Input Current
ISRC
0.8
ARMS
Shutdown Input Bias Current
ISHDN
SHDN = GND
-50
50
nA
Shutdown High Input Voltage
VSHDN
VIN = 2V
1.6
V
Shutdown Low Input Voltage
VSHDN
VIN = 2V
0.4
V
Current Sense Bias Current
ICS
3.0
5.0
7.0
µA
Minimum Peak Current
IMIN
GBNT
2
145
mA
Comparator A Delay
tD
GBNT
2
620
ns
NDRV Sink Current
ISNK
VIN = 5V
50
mA
NDRV Source Current
ISRC
VIN = 5V
100
mA
Minimum Off-Time
tOFF
VFB = 1V
100
500
ns
Notes:
1. When using a DC source to adjust VOUT, the recommended VADJ (range) is from 0.9V to 1.50V: see figure 3 and 8.
2. Guaranteed typical value (not tested) @ TA = 25
oC (see section “Inductor Selection and Current Limit Programming”)
SI MPLIFI ED BLOCK DI AGRAM
Logic
Controller
Reference
Logic
ADJ
FB
Shutdown
Logic
SHDN
CS
Driver
GND
NDRV
IN
4µ A
SRC
2.5M
50pF
A
B
1.29V
Reference


Similar Part No. - LX1741CDU-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1741CDU MICROSEMI-LX1741CDU Datasheet
470Kb / 15P
   High Efficiency High Voltage Boost Controller
More results

Similar Description - LX1741CDU-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1741 MICROSEMI-LX1741 Datasheet
470Kb / 15P
   High Efficiency High Voltage Boost Controller
LX1742 MICROSEMI-LX1742 Datasheet
456Kb / 13P
   High Efficiency High Voltage Boost Controller
logo
Monolithic Power System...
EV3900DK-00B MPS-EV3900DK-00B Datasheet
223Kb / 4P
   High Efficiency Boost Controller
MP3900 MPS-MP3900 Datasheet
281Kb / 13P
   High Efficiency Boost Controller
EV3900DK-00F MPS-EV3900DK-00F Datasheet
188Kb / 4P
   High Efficiency Boost Controller EV Board
logo
Lowpower Semiconductor ...
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
LP6239 POWER-LP6239 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
logo
Major-Power Technology ...
MA2200 MPOWER-MA2200 Datasheet
194Kb / 2P
   High Voltage, Boost Controller
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com