Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1741 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1741
Description  High Efficiency High Voltage Boost Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1741 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1741_05 Datasheet HTML 1Page - Microsemi Corporation LX1741_05 Datasheet HTML 2Page - Microsemi Corporation LX1741_05 Datasheet HTML 3Page - Microsemi Corporation LX1741_05 Datasheet HTML 4Page - Microsemi Corporation LX1741_05 Datasheet HTML 5Page - Microsemi Corporation LX1741_05 Datasheet HTML 6Page - Microsemi Corporation LX1741_05 Datasheet HTML 7Page - Microsemi Corporation LX1741_05 Datasheet HTML 8Page - Microsemi Corporation LX1741_05 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 1.1b, 2005-03-03
LX1741
High Efficiency High Voltage Boost Controller
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
APPLI CATI ON CI RCUITS ( C ON TINUE D )
Typical LCD Bias Applications (Cont)
V
BAT = (1.6V to 6.0V)
⎟⎟
⎜⎜
+
=
2
1
ADJ
OUT
R
R
1
V
V
R
1
R
2
C
1
4.7µF
C
2
*
1nF
R
CS
1kΩ
L
1
* Optional Component
used to reduce output
voltage ripple.
47µH
V
ADJ = 0.9V to 1.5V
+
-
LX1741
NDRV
SHDN
IN
SRC
GND
FB
CS
ADJ
Figure 3
– Dynamic Output Voltage Operation Via Analog Voltage Input
LED Driver Application
C
1
4.7µF
R
CS
1kΩ
L
1
47µH
1206 Case Size
R
3
63.4Ω
V
BAT = 1.6V to 6.0V
ON OFF
R
1
1ΜΩ
R
2
59kΩ
V
F = 3.6V typ.
I
LED = 20mA to 0.25mA
() ⎟⎟
⎜⎜
+
=
2
1
2
F
ADJ
3
LED
R
R
R
V
4
V
R
1
I
LX1741
NDRV
SHDN
IN
SRC
GND
FB
CS
ADJ
Figure 4
– LED Driver with Full-Range Dimming Via PWM Input
Note
The component values shown are only examples for a working system. Actual values will vary greatly depending on
desired parameters, efficiency, and layout constraints.


Similar Part No. - LX1741_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1741CDU MICROSEMI-LX1741CDU Datasheet
470Kb / 15P
   High Efficiency High Voltage Boost Controller
LX1741CLM MICROSEMI-LX1741CLM Datasheet
470Kb / 15P
   High Efficiency High Voltage Boost Controller
More results

Similar Description - LX1741_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1741 MICROSEMI-LX1741 Datasheet
470Kb / 15P
   High Efficiency High Voltage Boost Controller
LX1742 MICROSEMI-LX1742 Datasheet
456Kb / 13P
   High Efficiency High Voltage Boost Controller
logo
Monolithic Power System...
EV3900DK-00B MPS-EV3900DK-00B Datasheet
223Kb / 4P
   High Efficiency Boost Controller
MP3900 MPS-MP3900 Datasheet
281Kb / 13P
   High Efficiency Boost Controller
EV3900DK-00F MPS-EV3900DK-00F Datasheet
188Kb / 4P
   High Efficiency Boost Controller EV Board
logo
Lowpower Semiconductor ...
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
LP6239 POWER-LP6239 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
logo
Major-Power Technology ...
MA2200 MPOWER-MA2200 Datasheet
194Kb / 2P
   High Voltage, Boost Controller
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com