Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1736 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1736
Description  5V 1.25A 1.0MHz PWM/PFM STEP DOWN REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1736 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1736 Datasheet HTML 1Page - Microsemi Corporation LX1736 Datasheet HTML 2Page - Microsemi Corporation LX1736 Datasheet HTML 3Page - Microsemi Corporation LX1736 Datasheet HTML 4Page - Microsemi Corporation LX1736 Datasheet HTML 5Page - Microsemi Corporation LX1736 Datasheet HTML 6Page - Microsemi Corporation LX1736 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LX1736
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
5V 1.25A 1.0MHz PWM/PFM STEP DOWN REGULATOR
TM
®
Copyright
© 2007
Rev. 1.1., 11/25/2008
APPLICA T ION SU P P ORT
Cout
Vout
Vin
LX1736
Ground
Cout
Cout
Cout
DIODE
Vpwr
Vin
n/c
Sw
Gnd
FB
INDUCTOR
Rf
Cin
PCB Layout Considerations
1- Maintain separate traces leading from the decoupling capacitor, CIN, to the supply input pins of the IC for VCC and VPWR. This
ensures that the noise and voltage drops associated with the high dI/dt pulses from the PWM switching are minimized for the
internal control circuitry of the IC.
2-
Diode ground should return to COUT ground with minimum physical distance before joining the IC Ground connection.
3-
Feed back resistor return path to ground should be located closely to the IC Pin 2 to avoid VOUT offsets induced by ground drops
and noise.


Similar Part No. - LX1736

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1736 MICROSEMI-LX1736 Datasheet
187Kb / 6P
   VREF @ 800mV, 900mA, 1.0MHZ PWM a Current Mode PWM Buck regulator that switches to PFM mode under light loads
More results

Similar Description - LX1736

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC120 MICROCHIP-TC120 Datasheet
436Kb / 14P
   PWM/PFM Step-Down Combination Regulator/Controller
05/01/02
TC120 MICROCHIP-TC120_13 Datasheet
215Kb / 16P
   PWM/PFM Step-Down Combination Regulator/Controller
2001-2012 10/26/12
logo
Microsemi Corporation
LX13049 MICROSEMI-LX13049 Datasheet
204Kb / 7P
   VREF @ 800mV, 1.25A, 1.0MHZ PWM
Rev. 1.1, 5/2/2007
logo
Exar Corporation
XRP7675 EXAR-XRP7675 Datasheet
784Kb / 12P
   3A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Anachip Corp
AP1605 ANACHIP-AP1605 Datasheet
170Kb / 6P
   PWM/PFM Dual-mode Step-Down Switching Regulator
logo
Exar Corporation
XRP7674 EXAR-XRP7674 Datasheet
737Kb / 12P
   2A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Diodes Incorporated
AP1605 DIODES-AP1605_17 Datasheet
312Kb / 7P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 DIODES-AP1605 Datasheet
158Kb / 7P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 Rev. 1
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com