Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1704ILQ-TR Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1704ILQ-TR
Description  2W Filter less Stereo Class-D Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1704ILQ-TR Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1704ILQ-TR Datasheet HTML 4Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 5Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 6Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 7Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 8Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 9Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 10Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 11Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LX1704
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, 800-877-6458, Fax: 714-893-2570
Page 8
2W Filter less Stereo Class-D Amplifier
TM
®
Copyright
© 2009
Rev.1.4, 2009-02-23
FUNCTIONAL DESCRIPTION
GENERAL DESCRIPTION
The LX1704 is a filterless, low-EMI, class-D audio
power amplifier. It offers high performance (THD+N is
just 0.1% @ 2W), high efficiency (>85% @ 1.2W), and
best in class EMI radiation (just 20dBµV/m). The internal
signal path is completely differential to minimize common-
mode noise pickup. The inputs may be driven single-ended
or differentially and they may be direct or AC coupled. The
LX1704 may be operated with just a single decoupling
capacitor.
FILTERLESS 3-LEVEL CLASS-D MODULATION
The LX1704 output stage is configured as a full H-bridge
push-pull driver. The speaker must be driven differentially
from the OUTP and OUTN pins. Each side of the speaker
is driven by a 200KHz switching signal that transitions
between VDD and GND. With zero input voltage, the duty
cycle at each output is around 50% and the signals are in-
phase with each other. In this case, there is basically no
differential voltage across the speaker.
When the input
signal goes positive, the duty cycle at OUTP increases
above 50% and the duty cycle at OUTN decreases below
50%. This causes a net positive current to flow into the
speaker. A negative input voltage causes the OUTN duty
cycle to increase and the OUTP duty cycle to decrease
which causes a net negative current to flow into the
speaker. The differential voltage across the speaker has a
fundamental frequency of twice the 200KHz switching
frequency. The speaker itself serves as the low pass filter
which then recreates the audio signal.
This type of
modulation can be described as driving +VDD, -VDD, and 0V
across the speaker which is why it is referred to as 3-Level
modulation.
Classical, 2-Level modulation drives either +VDD or –VDD
across the speaker at all times. This scheme requires an L-
C filter between the amplifier’s outputs and the speaker in
order to keep the output current low.
LOW-EMI OUTPUT STAGE WITH SLEW RATE LIMITING
AND
ACTIVE OVERSHOOT CLAMPING
With 3-Level modulation, the carrier frequency drives a
full amplitude common-mode signal to the speaker wires.
This can cause high EMI radiation. One way to combat
this would be to filter the outputs with LC filters or ferrite
beads located close to the amplifier. In the LX1704, the
output stage has been carefully designed to minimize EMI
radiation so that these types of filters are not required.
Slew rate limiting is used to keep the outputs from
switching too quickly. Active overshoot clamping is used
to minimize the inductive overshoot which occurs at each
transition. These two techniques allow the LX1704 to
easily meet FCC standards for radiated emissions when
driving up to 3 meters of speaker wire.
DIFFERENTIAL SIGNAL PATH, WIDE DYNAMIC RANGE,
AND
BUILT-IN THERMAL OVERLOAD PROTECTION
The fully differential signal path uses Pulse Width
Modulation and multiple feedback loops to provide high
performance and low distortion. This is all fully-integrated
to eliminate the need for any external feedback
components or filters.
The gain is fixed by internal
resistors at 20dB. The differential signal path and internal
voltage boosters allow for wide dynamic range. In fact, the
LX1704 can be operated from supplies as low as 2.5V and
as high as 5.5V. The output power will be limited by the
available supply voltage.
An internal thermal sensing
circuit shuts down the outputs when the junction
temperature exceeds about 150°C to provide thermal
overload protection.


Similar Part No. - LX1704ILQ-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1704 MICROSEMI-LX1704 Datasheet
612Kb / 12P
   2W Filter less Stereo Class-D Amplifier
LX1704CLQ MICROSEMI-LX1704CLQ Datasheet
612Kb / 12P
   2W Filter less Stereo Class-D Amplifier
More results

Similar Description - LX1704ILQ-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1704 MICROSEMI-LX1704 Datasheet
612Kb / 12P
   2W Filter less Stereo Class-D Amplifier
LX1702 MICROSEMI-LX1702 Datasheet
271Kb / 11P
   1W Filter less Stereo Class-D Amplifier
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
   2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
   ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
logo
Elite Semiconductor Mem...
AD52651A ESMT-AD52651A Datasheet
170Kb / 3P
   2.5W/CH Stereo Filter-less Class-D Audio Amplifier with Headphone Driver
logo
Rohm
BD27400GUL ROHM-BD27400GUL Datasheet
1Mb / 23P
   Filter-Less Class-D Monaural Speaker Amplifier
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356 AD-SSM2356 Datasheet
639Kb / 16P
   2 횞 2W Filterless Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com