Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1704 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1704
Description  2W Filter less Stereo Class-D Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1704 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1704_09 Datasheet HTML 1Page - Microsemi Corporation LX1704_09 Datasheet HTML 2Page - Microsemi Corporation LX1704_09 Datasheet HTML 3Page - Microsemi Corporation LX1704_09 Datasheet HTML 4Page - Microsemi Corporation LX1704_09 Datasheet HTML 5Page - Microsemi Corporation LX1704_09 Datasheet HTML 6Page - Microsemi Corporation LX1704_09 Datasheet HTML 7Page - Microsemi Corporation LX1704_09 Datasheet HTML 8Page - Microsemi Corporation LX1704_09 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LX1704
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, 800-877-6458, Fax: 714-893-2570
Page 5
2W Filter less Stereo Class-D Amplifier
TM
®
Copyright
© 2009
Rev.1.4, 2009-02-23
SIMPLIFIED BLOCK DIAGRAM
VINP
VINN
VDD
VSS
EN
PVSS2
PVSS1
OUTN
OUTP
PVDD1
PVDD2
De-pop signal
ground
Generation
Dynamic
Pulse
Generation
Triangle
Wave
Generator
DRIVER
DRIVER
LP
LP
LX1704
Figure 1 –
LX1704 Simplified Block Diagram (Half Circuit)


Similar Part No. - LX1704_09

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1704CLQ MICROSEMI-LX1704CLQ Datasheet
612Kb / 12P
   2W Filter less Stereo Class-D Amplifier
More results

Similar Description - LX1704_09

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1704 MICROSEMI-LX1704 Datasheet
612Kb / 12P
   2W Filter less Stereo Class-D Amplifier
LX1702 MICROSEMI-LX1702 Datasheet
271Kb / 11P
   1W Filter less Stereo Class-D Amplifier
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
   2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
   ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
logo
Elite Semiconductor Mem...
AD52651A ESMT-AD52651A Datasheet
170Kb / 3P
   2.5W/CH Stereo Filter-less Class-D Audio Amplifier with Headphone Driver
logo
Rohm
BD27400GUL ROHM-BD27400GUL Datasheet
1Mb / 23P
   Filter-Less Class-D Monaural Speaker Amplifier
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356 AD-SSM2356 Datasheet
639Kb / 16P
   2 횞 2W Filterless Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com